Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1160CS Datasheet(PDF) 7 Page - Linear Technology

Part # LT1160CS
Description  Half-/Full-Bridge N-Channel Power MOSFET Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1160CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1160CS Datasheet HTML 3Page - Linear Technology LT1160CS Datasheet HTML 4Page - Linear Technology LT1160CS Datasheet HTML 5Page - Linear Technology LT1160CS Datasheet HTML 6Page - Linear Technology LT1160CS Datasheet HTML 7Page - Linear Technology LT1160CS Datasheet HTML 8Page - Linear Technology LT1160CS Datasheet HTML 9Page - Linear Technology LT1160CS Datasheet HTML 10Page - Linear Technology LT1160CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1160/LT1162
+
V
SV+
PV+
IN TOP
IN BOTTOM
UV OUT
SGND
PGND
BOOST
T GATE DR
T GATE FB
T SOURCE
B GATE DR
B GATE FB
3k
50
Ω
50
Ω
1
µF
1
µF
3000pF
3000pF
1160/62 TC01
(LT1160)
+
V/I
+
V/I
+
V
+
V
TEST CIRCUIT
SV+
IN TOP
IN BOTTOM
BOOST
T GATE DR
T GATE FB
T SOURCE
PV+
B GATE DR
B GATE FB
1160/62 BD
SGND
PGND
GND
1/2 LT1162
LT1160
BIAS
3k
3k
TOP
UV LOCK
BOTTOM
UV LOCK
2.9V
2.5V
5V
5V
UV OUT
FUNCTIONAL DIAGRA
(LT1160 or 1/2 LT1162)
(LT1160 or 1/2 LT1162)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com