Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1207CS Datasheet(PDF) 1 Page - Linear Technology

Part # LT1207CS
Description  Dual 250mA/60MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1207CS Datasheet(HTML) 1 Page - Linear Technology

  LT1207CS Datasheet HTML 1Page - Linear Technology LT1207CS Datasheet HTML 2Page - Linear Technology LT1207CS Datasheet HTML 3Page - Linear Technology LT1207CS Datasheet HTML 4Page - Linear Technology LT1207CS Datasheet HTML 5Page - Linear Technology LT1207CS Datasheet HTML 6Page - Linear Technology LT1207CS Datasheet HTML 7Page - Linear Technology LT1207CS Datasheet HTML 8Page - Linear Technology LT1207CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1207
Dual 250mA/60MHz
Current Feedback Amplifier
S
FEATURE
s
250mA Minimum Output Drive Current
s
60MHz Bandwidth, AV = 2, RL = 100Ω
s
900V/
µs Slew Rate, AV = 2, RL = 50Ω
s
0.02% Differential Gain, AV = 2, RL = 30Ω
s
0.17
° Differential Phase, AV = 2, RL = 30Ω
s
High Input Impedance: 10M
Ω
s
Shutdown Mode: IS < 200µA per Amplifier
s
Stable with CL = 10,000pF
APPLICATIO S
s
ADSL/HDSL Drivers
s
Video Amplifiers
s
Cable Drivers
s
RGB Amplifiers
s
Test Equipment Amplifiers
s
Buffers
The LT
® 1207 is a dual version of the LT1206 high speed
current feedback amplifier. Like the LT1206, each CFA in
the dual has excellent video characteristics: 60MHz band-
width, 250mA minimum output drive current, 400V/
µs
minimum slew rate, low differential gain (0.02% typ) and
low differential phase (0.17
° typ). The LT1207 includes a
pin for an optional compensation network which stabi-
lizes the amplifier for heavy capacitive loads. Both ampli-
fiers have thermal and current limit circuits which protect
against fault conditions. ThesecapabilitiesmaketheLT1207
well suited for driving difficult loads such as cables in video
or digital communication systems.
Operation is fully specified from
±5V to ±15V supplies.
Supply current is typically 20mA per amplifier. Two
micropower shutdown controls place each amplifier in a
high impedance low current mode, dropping supply
current to 200
µA per amplifier. For reduced bandwidth
applications, supply current can be lowered by adding a
resistor in series with the Shutdown pin.
The LT1207 is manufactured on Linear Technology's
complementary bipolar process and is available in a low
thermal resistance 16-lead SO package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATION
DESCRIPTIO
HDSL Driver
–
+
1/2 LT1207
+
–
240
Ω
720
Ω
720
Ω
720
Ω
15k
15k
VIN
+
0.1
µF*
2.2
µF**
5V
0.1
µF*
2.2
µF**
–5V
62
Ω
62
Ω
L1
1207 • TA01
1/2 LT1207
SHDN A
SHDN B
CERAMIC
TANTALUM
L1 = TRANSPOWER SMPT–308
OR SIMILAR DEVICE
*
**


Similar Part No. - LT1207CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1207 LINER-LT1207 Datasheet
364Kb / 18P
250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1207 LINER-LT1207 Datasheet
323Kb / 16P
Dual 250mA/60MHz Current Feedback Amplifier
logo
Analog Devices
LT1207 AD-LT1207 Datasheet
626Kb / 18P
High Temperature 1.0A, 35MHz Current Feedback Amplifier
1210X TA01
LT1207 AD-LT1207 Datasheet
1Mb / 20P
1.1A, 35MHz Current Feedback Amplifier
Rev. C
logo
Linear Technology
LT1207 LINER-LT1207_15 Datasheet
323Kb / 16P
Dual 250mA/60MHz Current Feedback Amplifier
More results

Similar Description - LT1207CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5292C ELANTEC-EL5292C Datasheet
307Kb / 15P
Dual 600MHz Current Feedback Amplifier
EL5293C ELANTEC-EL5293C Datasheet
302Kb / 15P
Dual 300MHz Current Feedback Amplifier
logo
Linear Technology
LT1206 LINER-LT1206 Datasheet
386Kb / 16P
250mA/60MHz Current Feedback Amplifier
logo
Intersil Corporation
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
Dual 125MHz Video Current Feedback Amplifier
January 1995
logo
Elantec Semiconductor
EL2232D ELANTEC-EL2232D Datasheet
392Kb / 1P
Dual 60MHz Current Feedback Amplifiers
logo
Linear Technology
LT1206 LINER-LT1206_07 Datasheet
321Kb / 16P
250mA/60MHz Current Feedback Amplifi er
LT1206 LINER-LT1206_11 Datasheet
364Kb / 18P
250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1206CS8TRPBF LINER-LT1206CS8TRPBF Datasheet
368Kb / 18P
250mA/60MHz Current Feedback Amplifier
LT1207 LINER-LT1207_15 Datasheet
323Kb / 16P
Dual 250mA/60MHz Current Feedback Amplifier
LT1206 LINER-LT1206_15 Datasheet
368Kb / 18P
250mA/60MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com