Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1207CS Datasheet(PDF) 16 Page - Linear Technology

Part # LT1207CS
Description  Dual 250mA/60MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1207CS Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1207CS Datasheet HTML 8Page - Linear Technology LT1207CS Datasheet HTML 9Page - Linear Technology LT1207CS Datasheet HTML 10Page - Linear Technology LT1207CS Datasheet HTML 11Page - Linear Technology LT1207CS Datasheet HTML 12Page - Linear Technology LT1207CS Datasheet HTML 13Page - Linear Technology LT1207CS Datasheet HTML 14Page - Linear Technology LT1207CS Datasheet HTML 15Page - Linear Technology LT1207CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1207
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
© LINEAR TECHNOLOGY CORPORATION 1996
LT/GP 0196 10K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1206
Single 250mA/60MHz Current Feedback Amplifier
Single Version of LT1207, 900V/
µs Slew Rate, 0.02% Differential
Gain, 0.17
° Differential Phase, with AV = 2 and RL = 30Ω, Stable with
CL = 10,000pF, Shutdown Control Reduces Supply Current to 200µA
LT1210
Single 1A/30MHz Current Feedback Amplifier
Higher Output Current Version of LT1206
LT1229/LT1230
Dual/Quad 100MHz Current Feedback Amplifiers
Low Cost CFA for Video Applications, 1000V/
µs Slew Rate, 30mA
Output Drive Current, 0.04% Differential Gain, 0.1
° Differential
Phase, with AV = 2 and RL = 150Ω, 9.5mA Max Supply Current per
Op Amp,
±2V to ±15V Supply Range
LT1360/LT1361/LT1362
Single/Dual/Quad 50MHz, 800V/
µs,
Fast Settling Voltage Feedback Amplifier, 60ns Settling Time to 0.1%,
C-Load
TM Op Amps
10V Step, 5mA Max Supply Current per Op Amp, 9nV
√Hz Input Noise
Voltage, Drives All Capacitive Loads, 1mV Max VOS, 0.2% Differential
Gain, 0.3
° Differential Phase with AV = 2 and RL = 150Ω
C-Load is a trademark of Linear Technology Corporation
CCD Clock Driver. Two 3rd Order Gaussian Filters Produce Clean CCD Clock Signals
CLK
D
Q
Q
CLOCK
INPUT
1k
100pF
1k
1k
91pF
–
+
1k
0.01
µF
510
Ω
20V
45pF
1k
100pF
1k
1k
91pF
–
+
1k
0.01
µF
510
Ω
–10V
45pF
10
Ω
10
Ω
3300pF
3300pF
CCD ARRAY LOAD
LT1207 • TA10
5
0
CLOCK
INPUT
15
0
DRIVER
OUTPUT
74HC74
1/2 LT1207
1/2 LT1207
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com