Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1207CS Datasheet(PDF) 5 Page - Linear Technology

Part # LT1207CS
Description  Dual 250mA/60MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1207CS Datasheet(HTML) 5 Page - Linear Technology

  LT1207CS Datasheet HTML 1Page - Linear Technology LT1207CS Datasheet HTML 2Page - Linear Technology LT1207CS Datasheet HTML 3Page - Linear Technology LT1207CS Datasheet HTML 4Page - Linear Technology LT1207CS Datasheet HTML 5Page - Linear Technology LT1207CS Datasheet HTML 6Page - Linear Technology LT1207CS Datasheet HTML 7Page - Linear Technology LT1207CS Datasheet HTML 8Page - Linear Technology LT1207CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1207
TYPICAL PERFOR A CE CHARACTERISTICS
Bandwidth and Feedback Resistance
vs Capacitive Load for 0.5dB Peak
Bandwidth vs Supply Voltage
Bandwidth vs Supply Voltage
Bandwidth vs Supply Voltage
Spot Noise Voltage and Current
vs Frequency
Bandwidth and Feedback Resistance
vs Capacitive Load for 5dB Peak
4
0
10
30
40
50
100
70
8
12
20
80
90
60
610
14
16
18
SUPPLY VOLTAGE (
±V)
LT1207 • TPC01
PEAKING
≤ 0.5dB
PEAKING
≤ 5dB
RF = 470Ω
RF = 560Ω
RF = 680Ω
RF = 750Ω
RF = 1k
RF = 1.5k
AV = 2
RL = 100Ω
4
0
20
50
8
12
10
40
30
610
14
16
18
SUPPLY VOLTAGE (
±V)
LT1207 • TPC02
PEAKING
≤ 0.5dB
PEAKING
≤ 5dB
RF = 560Ω
RF = 1k
RF = 2k
RF = 750Ω
AV = 2
RL = 10Ω
4
0
10
30
40
50
100
70
8
12
20
80
90
60
610
14
16
18
SUPPLY VOLTAGE (
±V)
LT1207 • TPC04
PEAKING
≤ 0.5dB
PEAKING
≤ 5dB
RF = 470Ω
RF = 1.5k
RF = 330Ω
RF = 680Ω
RF =390Ω
AV = 10
RL = 100Ω
4
0
20
50
8
12
10
40
30
610
14
16
18
SUPPLY VOLTAGE (
±V)
LT1207 • TPC05
PEAKING
≤ 0.5dB
PEAKING
≤ 5dB
RF = 560Ω
RF = 1k
RF = 1.5k
RF = 680Ω
AV = 10
RL = 10Ω
CAPACITIVE LOAD (pF)
1
LT1207 • TPC06
10
100
1k
10k
0
1k
10k
0
100
10
100
1
FEEDBACK RESISTOR
BANDWIDTH
AV = +2
RL = ∞
VS = ±15V
CCOMP = 0.01µF
FREQUENCY (Hz)
10
1
10
100
100
100k
LT1207 • TPC09
1k
10k
in
en
–in
Bandwidth vs Supply Voltage
CAPACITIVE LOAD (pF)
1
100
1k
10k
100
10000
LT1207 • TPC03
10
1000
BANDWIDTH
FEEDBACK RESISTOR
AV = 2
RL =
∞
VS = ±15V
CCOMP = 0.01µF
1
10
100
Differential Phase
vs Supply Voltage
Differential Gain
vs Supply Voltage
SUPPLY VOLTAGE (
±V)
5
0.30
0.40
0.50
13
LT1207 • TPC07
0.20
0.10
0
7
9
11
15
RF = RG = 560Ω
AV = 2
N PACKAGE
RL = 15Ω
RL = 50Ω
RL = 30Ω
RL = 150Ω
SUPPLY VOLTAGE (
±V)
5
0.06
0.08
0.10
13
LT1207 • TPC08
0.04
0.02
0
7
9
11
15
RF = RG = 560Ω
AV = 2
N PACKAGE
RL = 15Ω
RL = 30Ω
RL = 150Ω
RL = 50Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com