Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1207CS Datasheet(PDF) 14 Page - Linear Technology

Part # LT1207CS
Description  Dual 250mA/60MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1207CS Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1207CS Datasheet HTML 8Page - Linear Technology LT1207CS Datasheet HTML 9Page - Linear Technology LT1207CS Datasheet HTML 10Page - Linear Technology LT1207CS Datasheet HTML 11Page - Linear Technology LT1207CS Datasheet HTML 12Page - Linear Technology LT1207CS Datasheet HTML 13Page - Linear Technology LT1207CS Datasheet HTML 14Page - Linear Technology LT1207CS Datasheet HTML 15Page - Linear Technology LT1207CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1207
TYPICAL APPLICATIO S
–
+
1/2 LT1207
SHDN
–15V
15V
24k
10k
5V
2N3904
LT1207 • TA04
CMOS Logic to Shutdown Interface
–
+
1/2 LT1207
SHDN
75
Ω
VIN
RF
RG
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω CABLE
LT1207 • TA05
Distribution Amplifier
Differential Input—Differential Output Power Amplifier (AV = 4)
Buffer AV = 1
–
+
1/2 LT1207
SHDN
0.01
µF*
VOUT
RF**
VIN
LT1207 • TA06
OPTIONAL, USE WITH CAPACITIVE LOADS
VALUE OF RF DEPENDS ON SUPPLY
VOLTAGE AND LOADING. SELECT
FROM TYPICAL AC PERFORMANCE
TABLE OR DETERMINE EMPIRICALLY
*
**
COMP
Differential Output Driver
–
+
+
–
1k
1k
1k
0.01
µF
0.01
µF
500
Ω
+
–
VIN
VOUT
LT1207 • TA07
1/2 LT1207
1/2 LT1207
–
+
+
–
1k
1k
1k
+
–
+
–
VOUT
VIN
LT1207 • TA08
1/2 LT1207
1/2 LT1207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com