Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1302CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1302CS8
Description  Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1302CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1302CS8 Datasheet HTML 5Page - Linear Technology LT1302CS8 Datasheet HTML 6Page - Linear Technology LT1302CS8 Datasheet HTML 7Page - Linear Technology LT1302CS8 Datasheet HTML 8Page - Linear Technology LT1302CS8 Datasheet HTML 9Page - Linear Technology LT1302CS8 Datasheet HTML 10Page - Linear Technology LT1302CS8 Datasheet HTML 11Page - Linear Technology LT1302CS8 Datasheet HTML 12Page - Linear Technology LT1302CS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1302/LT1302-5
APPLICATIONS INFORMATION
behavior in the 4th graticule is the result of the LT1302’s
Burst Mode comparator turning off all switching as output
voltage rises above its threshold.
In Figure 7c, the 0.1
µF capacitor has been replaced by a
0.01
µF unit. Undershoot is less but the response is still
underdamped. Figure 7d shows the results of the 0.1
µF
capacitor and a 10k resistor in series. Now some amount
of damping is observed, and behavior is more controlled.
Figure 7e details response with a 0.01
µF/10k series net-
work. Undershoot is down to around 100mV, or 2%. A
slight underdamping is still noticeable.
Finally, a 0.01
µF/24k series network results in the re-
sponse shown in Figure 7f. This has optimal damping,
undershoot less than 100mV and settles in less than 1ms.
The VC pin is sensitive to high frequency noise. Some
layouts may inject enough noise to modulate peak switch
current at 1/2 the switching frequency. A small capacitor
connected from VC to ground will eliminate this. Do not
exceed 1/10 of the compensation capacitor value.
Frequency Compensation
Obtaining proper RC values for the frequency compensa-
tion network is largely an empirical procedure, since
variations in input and output voltage, topology, capacitor
ESR and inductance make a simple formula elusive. As an
example, consider the case of a 2.5V to 5V boost converter
supplying 500mA. To determine optimum compensation,
the circuit is built and a transient load is applied to the
circuit. Figure 7 shows the setup.
In Figure 7a, the VC pin is simply left floating. Although
output voltage is maintained and transient response is
good, switch current rises instantaneously to the internal
current limit upon application of load. This is an undesir-
able situation as it places maximum stress on the switch
and the other power components. Additionally, efficiency
is well down from its optimal value. Next, a 0.1
µFcapacitor
is connected with no resistor. Figure 7b details response.
Although the circuit eventually stabilizes, the loop is quite
underdamped. Initial output “sag” exceeds 5%. Aberrant
Figure 7a. VC Pin Left Unconnected. Output Shows
Low Frequency Components Under Load
Figure 7b. 0.1
µF from VC to Ground.
Better, but More Improvement Needed
2ms/DIV
1302 F07b
VOUT
100mV/DIV
AC COUPLED
ILOAD
510mA
10mA
VOUT
100mV/DIV
AC COUPLED
2ms/DIV
1302 F07a
ILOAD
510mA
10mA
Figure 7. Boost Converter with Simulated Load
VIN
IT
SHDN
SENSE
SW
L1
10
µH
D1
VC
MTP3055EL
R
C
PULSE
GENERATOR
PGND
0.1
µF
LT1302-5
GND
10
Ω
2W
500
Ω
NC
1302 F07
VIN
2.5V
50
Ω
+
C3
220
µF
+
C2
220
µF
C1, C2, C3 = AVX TPS SERIES
D1 = MOTOROLA MBRS130LT3
L1 = COILCRAFT DO3316-103K
+
C1
330
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com