Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1302CS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LT1302CS8
Description  Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1302CS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1302CS8 Datasheet HTML 8Page - Linear Technology LT1302CS8 Datasheet HTML 9Page - Linear Technology LT1302CS8 Datasheet HTML 10Page - Linear Technology LT1302CS8 Datasheet HTML 11Page - Linear Technology LT1302CS8 Datasheet HTML 12Page - Linear Technology LT1302CS8 Datasheet HTML 13Page - Linear Technology LT1302CS8 Datasheet HTML 14Page - Linear Technology LT1302CS8 Datasheet HTML 15Page - Linear Technology LT1302CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
LT1302/LT1302-5
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TYPICAL APPLICATIONS
2 Li-Ion Cell to 5.8V/600mA DC/DC Converter
3 Cell to 3.3V Buck-Boost Converter with Auxiliary 12V Regulated Output
1302 TA05
LT1302
GND
PGND
SHDN
VIN
VC
FB
IT
SW
SHUTDOWN
169k
1%
200pF
100k
1%
24k
4700pF
10
Ω
0.1
µF
3
8
T1C
1
10
T1A
7
4
T1D
6
5
T1E
VIN
2.5V-8V
C3
47
µF
16V
+
2
9
T1B
22
µF
25V
+
C1
100
µF
16V
+
D1
D2
13V
C2
330
µF
6.3V
+
3.3V OUTPUT
400mA
330k
1%
3.3
µF
+
150k
1%
12V
120mA
T1 =
D1, D2 =
C1 =
C2 =
C3 =
DALE LPE-6562-A069, 1:3:1:1:1 TURNS RATIO, 10
µH PRIMARY. DALE (605) 665-9301
MOTOROLA MBRS130LT3
AVX TPSE107016R0100
AVX TPSE337006R0100
AVX TPSD476016R0150
LT1121
GND
IN
SHDN
ADJ
OUT
VIN
IT
FB
SHDN
SHUTDOWN
L1
22
µH
L2
22
µH
VC
PGND
1
µF
10
Ω
LT1302
GND
SW
20k
1302 TA07
VOUT
5.8V
600mA
VIN
4V TO 9V
100k
1%
MBRS130LT3
365k
1%
+
++
C1
100
µF
16V
+
C2
220
µF
10V
C3
220
µF
10V
10nF
DUTY CYCLE =
VOUT
VIN + VOUT
PEAK SWITCH VOLTAGE = VIN + VOUT
L1, L2=COILCRAFT DO3316-223
C1=AVX TPSE107016R0100
C2, C3=AVX TPSE227010R0100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com