Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1302CS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1302CS8
Description  Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1302CS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1302CS8 Datasheet HTML 8Page - Linear Technology LT1302CS8 Datasheet HTML 9Page - Linear Technology LT1302CS8 Datasheet HTML 10Page - Linear Technology LT1302CS8 Datasheet HTML 11Page - Linear Technology LT1302CS8 Datasheet HTML 12Page - Linear Technology LT1302CS8 Datasheet HTML 13Page - Linear Technology LT1302CS8 Datasheet HTML 14Page - Linear Technology LT1302CS8 Datasheet HTML 15Page - Linear Technology LT1302CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1302/LT1302-5
TYPICAL APPLICATIONS
Single Cell to 5V/150mA Converter
1302 TA03
1.5V
CELL
100k
100k
0.01
µF
20k
100pF
0.1
µF
C2
220
µF
C1
47
µF
L1 = COILCRAFT DO3316-332
D1 = MOTOROLA MBRS130LT3
C1 = AVX TPSD476M016R0150
C2 = AVX TPSE227M010R0100
COILCRAFT (708) 639-2361
100k
56.2k
1%
4.99k
1%
36.5k
1%
R1
301k
1%
(169k FOR 3.3V)
10
Ω
D1
5V/150mA
OUTPUT
L1
3.3
µH
220
Ω
+
+
LT1302
FB
GND
PGND
SHDN
VIN
SW
IT
VC
SW1
AO
SW2
GND
VIN
IL
SET
FB
LT1073
2N3906
2V to 12V/120mA Converter
+
VIN
IT
NC
VC
SW
C3
0.1
µF
LT1302
PGND
SHDN
SHUTDOWN
FB
GND
2
RC
20k
R1
100k
1%
R2
866k
1%
CC
0.02
µF
C1
100
µF
D1
+
C2
33
µF
C2
33
µF
L1
3.3
µH
2 CELLS
LT1302 • TA04
C1 = AVX TPSD107M010R0100
C2 = AVX TPSD336M025R0200
OUTPUT
12V
120mA
100pF
1
8
7
65
3
4
D1 = MOTOROLA MBRS130LT3
L1 = COILCRAFT DO3316-332
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com