Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1302CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1302CS8
Description  Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1302CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1302CS8 Datasheet HTML 6Page - Linear Technology LT1302CS8 Datasheet HTML 7Page - Linear Technology LT1302CS8 Datasheet HTML 8Page - Linear Technology LT1302CS8 Datasheet HTML 9Page - Linear Technology LT1302CS8 Datasheet HTML 10Page - Linear Technology LT1302CS8 Datasheet HTML 11Page - Linear Technology LT1302CS8 Datasheet HTML 12Page - Linear Technology LT1302CS8 Datasheet HTML 13Page - Linear Technology LT1302CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1302/LT1302-5
APPLICATIONS INFORMATION
2ms/DIV
1302 F07c
VOUT
100mV/DIV
AC COUPLED
ILOAD
Figure 7c. 0.01
µF from VC to Ground.
Underdamped Response Requires Series R
510mA
10mA
IT Pin
The IT pin is used to disable Burst Mode, forcing the
LT1302 to operate in current mode even at light load. To
disable Burst Mode, 3.3k resistor R1 is connected from IT
to gound. More conservative frequency compensation
must be used when in this mode. A 0.1
µF capacitor and
4.7k resistor from VC to ground has been found to be
adequate. Low frequency Burst Mode ripple can be
reduced or eliminated using this technique in many appli-
cations.
To illustrate, the transient load response of Figure 8’s
circuit is pictured without and with R1. Figure 8a shows
output voltage and inductor current without the resistor.
Note the 6kHz burst rate when the converter is delivering
25mA. By adding the 3.3k resistor, the low frequency
bursting is eliminated, as shown in Figure 8b. This feature
is useful in systems that contain audio circuitry. At very
light or zero load, switching frequency drops and eventu-
1ms/DIV
1302 F08a
VOUT
100mV/DIV
AC COUPLED
Figure 8a. IT Pin Floating. Note 6kHz Burst Rate at
ILOAD = 25mA. 0.1µF/4.7k Compensation Network
Causes 220mV Undershoot
525mA
25mA
ILOAD
INDUCTOR
CURRENT
1A/DIV
VOUT
100mV/DIV
AC COUPLED
2ms/DIV
1302 F07f
510mA
10mA
ILOAD
Figure 7f. 0.01
µF, 24k Series RC
Results in Optimum Response
2ms/DIV
1302 F07e
VOUT
100mV/DIV
AC COUPLED
ILOAD
510mA
10mA
Figure 7e. 0.01
µF, 10k Series RC Shows Good
Transient Response. Slight Underdamping
Still Noticeable
2ms/DIV
1302 F07d
VOUT
100mV/DIV
AC COUPLED
ILOAD
Figure 7d. 0.1
µF with 10k Series RC.
Classic Overdamped Response
510mA
10mA
VIN
SENSE
VC
SW
10
µH
VOUT
5V
600mA
IT
MBRS130LT3
PGND
0.1
µF
LT1302-5
GND
4.7k
R1
3.3k
1302 F08
VIN
2.5V
+
220
µF
10V
+
220
µF
10V
+
C1
330
µF
0.1
µF
Figure 8. Addition of R1 Eliminates Low Frequency
Output Ripple in This 2.5V to 5V Boost Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com