Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1328 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1328
Description  4Mbps IrDA Infrared Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1328 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1328 Datasheet HTML 4Page - Linear Technology LT1328 Datasheet HTML 5Page - Linear Technology LT1328 Datasheet HTML 6Page - Linear Technology LT1328 Datasheet HTML 7Page - Linear Technology LT1328 Datasheet HTML 8Page - Linear Technology LT1328 Datasheet HTML 9Page - Linear Technology LT1328 Datasheet HTML 10Page - Linear Technology LT1328 Datasheet HTML 11Page - Linear Technology LT1328 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1328
APPLICATIONS INFORMATION
There is one drawback to the previous scheme. Lowering
the highpass frequency to 14Hz negates the normally
excellent ambient light rejection of the LT1328 to line-
operated light sources. By modulating the data in a very
simple and inexpensive way the ambient light rejection
can be maintained. The NRZ data is used to gate a 3MHz
square wave before driving the transmitter. The LT1328 in
FIR-4ppm mode (bandwidth of 1MHz to 4MHz) will re-
ceive the 3MHz signal. Thus, the low frequency response
is no longer required and the LT1328 can be configured as
a FIR receiver with no changes. Note that when in FIR/
4ppm mode, the LT1328 has excellent rejection to active-
ballast fluorescent lights (40kHz to 100kHz) as well as line
operated bulbs. The data is recovered with two stages of
retriggerable one-shots on the output of the LT1328. The
first one-shot pulse length is set to 80ns and acts as an
edge detector and the second one-shot pulse length is set
to 2.3
µs, just under a symbol period. With this modula-
tion, the range can be extended to over 30" and still have
a bit error rate lower than 1 in 108.
Wireless Slave for Photographic Flash
1
2
3
4
8
7
6
5
LT1328
NC
NC
NC
D2
1N4148
Q1
MPS2907A
R2
1k
5V
TO HOT SHOE
OF SLAVE FLASH
R3
10k
C2
4.7
µF
R5
1k
R4
10k
Q2
MPSA42
1328 TA05
D3
MUR
160524
C5
0.1
µF
C4
330pF
D1
HAMAMATSU
S4797-01
LIGHT FROM
MASTER FLASH
R1
100
Ω
TYPICAL APPLICATIONS N
Figure 6. Simple Data Link with Improved Low Frequency Noise Rejection
5V
> 30"
R1
100
Ω
R2
10k
3MHz
R3
3.9
Ω
1/2W
Q3
2N7002
74LS00
2
1
3
BIT ERROR RATE
TRANSMITTER/RECEIVER
1328 F06
D2
HSDL 4220
OUT
IN
375bps NRZ DATA
1
2
3
15
NC
14
13
C7
10pF
1/2
74LS123
9
7
5V
6
5
10
11
R5
46.4k
1%
R4
5k
1%
C8
100pF
1/2
74LS123
1
2
3
4
8
7
6
5
C6
1000pF
LT1328
C4
100pF
C2
4.7
µF
5V
D1
TEMIC
BPV22NF
C5
4.7
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com