Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1328 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1328
Description  4Mbps IrDA Infrared Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1328 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1328 Datasheet HTML 2Page - Linear Technology LT1328 Datasheet HTML 3Page - Linear Technology LT1328 Datasheet HTML 4Page - Linear Technology LT1328 Datasheet HTML 5Page - Linear Technology LT1328 Datasheet HTML 6Page - Linear Technology LT1328 Datasheet HTML 7Page - Linear Technology LT1328 Datasheet HTML 8Page - Linear Technology LT1328 Datasheet HTML 9Page - Linear Technology LT1328 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1328
APPLICATIONS INFORMATION
The last IrDA encoding method is for 4Mbps and uses
pulse position modulation, thus its name 4ppm. Two bits
are encoded by the location of a 125ns wide pulse at one
of the four positions within a 500ns interval (2 bits •
1/500ns = 4Mbps). Range and input levels are the same as
for 1.152Mbps. Figure 4 shows the LT1328 reproduction
of this modulation.
1.152Mbps rate, for example, uses pulses of 217ns for its
bit time of 870ns. Light levels are 100mW/SR to 500mW/
SR over the 1cm to 1 meter range. A photo of a transmit-
ted input and LT1328 output is shown in Figure 3. The
LT1328 output pulse width will be less than 800ns wide
over all of the above conditions at 1.152Mbps. Pin 7
should be held low for these data rates and above.
TRANSMITTER
INPUT
RECEIVER
OUTPUT
RECEIVER
OUTPUT
TRANSMITTER
INPUT
IrDA-FIR (1m)
IrDA-FIR (1cm)
Figure 3. IrDA-FIR Modulation
RECEIVER
OUTPUT
TRANSMITTER
INPUT
IrDA-4ppm(1m)
IrDA-4ppm (1cm)
Figure 4. IrDA-4ppm
RECEIVER
OUTPUT
TRANSMITTER
INPUT
0
1
0
0
1
1
0
1
0
1328 F03a
NRZ DATA
IrDA-FIR HIGH = LIGHT TRANSMITTED
DATA RATES: FIXED AT 1.15Mbps
BIT INTERVAL: 870ns
PULSE WIDTH: 1/4 OF INTERVAL OR 217ns
0
1
0
0
1
1
0
1
0
1328 F04a
NRZ DATA
IrDA 4ppm HIGH = LIGHT TRANSMITTED
DATA RATES: FIXED AT 4Mbps
BIT INTERVAL: 500ns
PULSE WIDTH: 1/4 OF INTERVAL OR 125ns
DATA BIT
PAIR
00
01
10
11
4ppm DATA
SYMBOL
1000
0100
0010
0001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com