Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1328 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1328
Description  4Mbps IrDA Infrared Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1328 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1328 Datasheet HTML 3Page - Linear Technology LT1328 Datasheet HTML 4Page - Linear Technology LT1328 Datasheet HTML 5Page - Linear Technology LT1328 Datasheet HTML 6Page - Linear Technology LT1328 Datasheet HTML 7Page - Linear Technology LT1328 Datasheet HTML 8Page - Linear Technology LT1328 Datasheet HTML 9Page - Linear Technology LT1328 Datasheet HTML 10Page - Linear Technology LT1328 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1328
In situations where long range is not a requirement, a very
simple IR link can be made using unmodulated NRZ
(nonreturn to zero) data. The circuit is shown in Figure 5.
A BER (bit-error rate) transmitter and receiver was used to
test the data-link error rates for data rates of 375kbps.
Because the NRZ data can have long stretches of continu-
ous “1” data, the low frequency corner of the LT1328
photodiode receiver is set to 14Hz to prevent pulse-top
distortion.
APPLICATIONS INFORMATION
To do this, make C1 4.7
µF. This is the only change from
a standard IrDA-SIR receiver. A range of 24" (with a bit
error rate lower than 1 in 108) is achieved with no
additional processing beyond that provided by the LT1328.
A caution: when using unmodulated data, it is possible to
get a 100% duty cycle on the LED transmitter, so be sure
that the LED can handle this.
Figure 5. Simple NRZ Data Link
5V
24"
R1
100
Ω
R2
10k
R3
3.9
Ω
1/2W
Q3
2N7002
BIT ERROR RATE
TRANSMITTER/RECEIVER
1328 F05
D2
HSDL 4220
OUT
IN
375bps NRZ DATA
1
2
3
4
8
7
6
5
C6
1000pF
LT1328
C4
4.7
µF
C2
4.7
µF
5V
D1
TEMIC
BPV22NF
NC
C5
4.7
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com