Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1328 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1328
Description  4Mbps IrDA Infrared Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1328 Datasheet(HTML) 1 Page - Linear Technology

  LT1328 Datasheet HTML 1Page - Linear Technology LT1328 Datasheet HTML 2Page - Linear Technology LT1328 Datasheet HTML 3Page - Linear Technology LT1328 Datasheet HTML 4Page - Linear Technology LT1328 Datasheet HTML 5Page - Linear Technology LT1328 Datasheet HTML 6Page - Linear Technology LT1328 Datasheet HTML 7Page - Linear Technology LT1328 Datasheet HTML 8Page - Linear Technology LT1328 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1328
4Mbps IrDA
Infrared Receiver
FEATURES
s
SIR, FIR and 4ppm Compatible
s
Low Frequency Ambient Rejection Loop
s
Supply Current: 2mA
s
8-Lead MSOP and SO Packages
s
5V Single Supply Operation
s
Optional High Frequency Noise Rejection
DESCRIPTION
The LT
®1328 is a photodiode receiver that supports IrDA®
data rates up to 4Mbps as well as other modulation
methods such as Sharp ASK and TV remote control. The
LT1328 MSOP contains all the necessary circuitry to
convert current pulses from an external photodiode to a
digital TTL output while rejecting unwanted lower fre-
quency interference. The LT1328 plus five external com-
ponents is all that is required to make an IrDA compatible
receiver.
Power requirements for the LT1328 are minimal—a single
5V supply and 2mA of quiescent current. Internal high-
pass filtering attenuates interfering signals such as sunlight,
incandescent and fluorescent lamps and is selectable at
Pin 7 for low or high data rates. The LT1328’s ease of use
and flexibility make it an ideal solution for numerous other
photodiode receiver applications. The LT1328 is available
in the SO-8 as well as the tiny MSOP for size-critical
applications.
IrDA Receiver
IrDA Transmitter
TYPICAL APPLICATIONS N
, LTC and LT are registered trademarks of Linear Technology Corporation.
IrDA is a registered trademark of the Infrared Data Association.
s
IrDA Applications
s
Sharp/Newton
s
TV Remote
s
Noncontact Telemetry
s
Wireless Slave for Photographic Flash
s
Keyless Entry
s
Optical Data Transfer
s
Infrared Home Control Systems
APPLICATIONS
1
2
3
4
8
7
6
5
IN
FILTER
GND
VBIAS
MODE
VCC
DATA
FILTER
SWITCH
HIGH: SIR
LOW: FIR AND 4ppm
(OPTIONAL)
OPTIONAL
SHUTDOWN
CIRCUIT
C1
10nF
C6
1000pF
TTL
DATA OUT
LT1328
1328 TA01
C4
330pF
D1
C2
4.7
µF
*SILICONIX
LIGHT IN
TEMIC
BPV22NF
5V
5V
ENABLE
TP0610L*
R3
3.9
Ω
1/2W
R2
10k
R1
100
Ω
D2
HSDL-4220*
Q3
2N7002
C5
4.7
µF
*HEWLETT PACKARD
TRANSMIT
INPUT
VCC
1328 TA02


Similar Part No. - LT1328

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1328 LINER-LT1328 Datasheet
258Kb / 12P
4Mbps IrDA Infrared Receiver
LT1328 LINER-LT1328_15 Datasheet
258Kb / 12P
4Mbps IrDA Infrared Receiver
More results

Similar Description - LT1328

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM872-H7 ROHM-RPM872-H7 Datasheet
89Kb / 7P
IrDA infrared communication module
RPM871-H7 ROHM-RPM871-H7 Datasheet
93Kb / 7P
IrDA Infrared communication Module
RPM882-H14 ROHM-RPM882-H14 Datasheet
126Kb / 10P
IrDA Infrared Communication Module
RPM871-H12 ROHM-RPM871-H12 Datasheet
103Kb / 8P
IrDA Infrared communication Module
RPM970-H14 ROHM-RPM970-H14 Datasheet
127Kb / 8P
IrDA Infrared Communication Module
RPM841-H16 ROHM-RPM841-H16 Datasheet
92Kb / 10P
IrDA Infrared Communication Module
logo
Texas Instruments
UCC5340 TI-UCC5340 Datasheet
136Kb / 6P
IrDA Receiver
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
Infrared IrDA Compliant Transceiver
logo
Texas Instruments
UCC5341 TI1-UCC5341 Datasheet
150Kb / 5P
IrDA 115.2kbps Receiver
logo
Linear Technology
LT1328 LINER-LT1328_15 Datasheet
258Kb / 12P
4Mbps IrDA Infrared Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com