Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1399 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1399
Description  Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1399 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1399 Datasheet HTML 4Page - Linear Technology LT1399 Datasheet HTML 5Page - Linear Technology LT1399 Datasheet HTML 6Page - Linear Technology LT1399 Datasheet HTML 7Page - Linear Technology LT1399 Datasheet HTML 8Page - Linear Technology LT1399 Datasheet HTML 9Page - Linear Technology LT1399 Datasheet HTML 10Page - Linear Technology LT1399 Datasheet HTML 11Page - Linear Technology LT1399 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1398/LT1399/LT1399HV
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Input Offset Voltage
vs Temperature
Input Bias Currents
vs Temperature
All Hostile Crosstalk
Propagation Delay
Rise Time and Overshoot
All Hostile Crosstalk (Disabled)
AMBIENT TEMPERATURE (
°C)
–50
2.5
25
1398/1399 G19
1.0
0
–25
0
50
– 0.5
–1.0
3.0
2.0
1.5
0.5
75
100
125
VS = ± 5V
AMBIENT TEMPERATURE (
°C)
–50
6
9
IB
+
IB
–
15
25
75
1398/99 G20
3
0
–25
0
50
100
125
–3
–6
12
VS = ± 5V
FREQUENCY (Hz)
–70
–10
0
–80
–90
–20
–50
–30
–40
–60
100k
10M
100M
500M
1398/1399 G21
–100
1M
RF = RG = 324Ω
RL = 100Ω
AV = +2
R
G
B
INPUT
100mV/DIV
OUTPUT
200mV/DIV
tPD = 2.5ns
TIME (500ps/DIV)
AV = +2
RL = 100Ω
RF = RG = 324Ω
VOUT
200mV/DIV
OS = 10%
tr = 1.3ns
TIME (500ps/DIV)
AV = +2
RL = 100Ω
RF = RG = 324Ω
FREQUENCY (Hz)
–70
–10
–80
–90
–20
–50
–30
–40
–60
100k
10M
100M
500M
1398/1399 G24
–100
–110
1M
RF = RG = 324Ω
RL = 100Ω
AV = +2
R
G
B
1398/1399 G22
1398/1399 G23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com