Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1399 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1399
Description  Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1399 Datasheet(HTML) 1 Page - Linear Technology

  LT1399 Datasheet HTML 1Page - Linear Technology LT1399 Datasheet HTML 2Page - Linear Technology LT1399 Datasheet HTML 3Page - Linear Technology LT1399 Datasheet HTML 4Page - Linear Technology LT1399 Datasheet HTML 5Page - Linear Technology LT1399 Datasheet HTML 6Page - Linear Technology LT1399 Datasheet HTML 7Page - Linear Technology LT1399 Datasheet HTML 8Page - Linear Technology LT1399 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1398/LT1399/LT1399HV
Low Cost Dual and Triple
300MHz Current Feedback
Amplifiers with Shutdown
3-Input Video MUX Cable Driver
The LT
®1399 and LT1399HV contain three independent
300MHz current feedback amplifiers, each with a shut-
down pin. The LT1399HV is a higher voltage version of the
LT1399. The LT1398 is a two amplifier version of the
LT1399.
The LT1398/LT1399 operate on all supplies from a single
4V to
±6V.TheLT1399HVoperatesonallsuppliesfrom4V
to
±7.5V.
Each amplifier draws 4.6mA when active. When disabled
each amplifier draws zero supply current and its output be-
comes high impedance. The amplifiers turn on in only 30ns
and turn off in 40ns, making them ideal in spread spectrum
and portable equipment applications.
The LT1398/LT1399/LT1399HV are manufactured on Lin-
ear Technology’s proprietary complementary bipolar pro-
cess. The LT1399/LT1399HV are pin-for-pin upgrades to
the LT1260 optimized for use on
±5V/±7.5V supplies.
s
300MHz Bandwidth on
±5V (AV = 1, 2 and –1)
s
0.1dB Gain Flatness: 150MHz (AV = 1, 2 and –1)
s
Completely Off in Shutdown, 0
µA Supply Current
s
High Slew Rate: 800V/
µs
s
Wide Supply Range:
±2V(4V) to ±6V(12V) (LT1398/LT1399)
±2V (4V) to ±7.5V (15V) (LT1399HV)
s
80mA Output Current
s
Low Supply Current: 4.6mA/Amplifier
s
Fast Turn-On Time: 30ns
s
Fast Turn-Off Time: 40ns
s
16-Pin Narrow SO/Narrow SSOP Packages
s
RGB Cable Drivers
s
LCD Drivers
s
Spread Spectrum Amplifiers
s
MUX Amplifiers
s
Composite Video Cable Drivers
s
Portable Equipment
, LTC and LT are registered trademarks of Linear Technology Corporation.
Square Wave Response
OUTPUT
200mV/DIV
TIME (10ns/DIV)
1398/99 TA02
RL = 100Ω
RF = RG = 324Ω
f = 10MHz
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
–
+
1/3 LT1399
RG
200
Ω
RF
324
Ω
A
EN A
VIN A
–
+
1/3 LT1399
RG
200
Ω
RF
324
Ω
EN B
VIN B
BC
CHANNEL
SELECT
97.6
Ω
97.6
Ω
–
+
1/3 LT1399
RG
200
Ω
RF
324
Ω
EN C
VIN C
97.6
Ω
75
Ω
VOUT
75
Ω
CABLE
1399 TA01


Similar Part No. - LT1399

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1399 LINER-LT1399 Datasheet
666Kb / 22P
100MHz Current Feedback
LT1399 LINER-LT1399 Datasheet
315Kb / 28P
325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1399 LINER-LT1399 Datasheet
321Kb / 28P
Gain-Bandwidth Product: 325MHz
LT1399 LINER-LT1399 Datasheet
356Kb / 16P
650MHz Gain of 2 Triple 2 1Video Multiplexer
LT1399 LINER-LT1399 Datasheet
436Kb / 16P
Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
More results

Similar Description - LT1399

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5393C ELANTEC-EL5393C Datasheet
315Kb / 15P
Triple 300MHz Current Feedback Amplifier
logo
Linear Technology
LT1259 LINER-LT1259 Datasheet
319Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
logo
Intersil Corporation
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
300MHz Low Power Current Feedback Amplifiers with Enable
September 8, 2005
logo
Cadeka Microcircuits LL...
CLC2600 CADEKA-CLC2600 Datasheet
2Mb / 15P
Dual, Triple, and Quad 300MHz Amplifiers
logo
Linear Technology
LT1259 LINER-LT1259_15 Datasheet
335Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1260 LINER-LT1260_15 Datasheet
335Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1398 LINER-LT1398_15 Datasheet
436Kb / 16P
Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1399 LINER-LT1399_15 Datasheet
436Kb / 16P
Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1399HV LINER-LT1399HV_15 Datasheet
436Kb / 16P
Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
logo
Exar Corporation
CLC2600 EXAR-CLC2600 Datasheet
1Mb / 15P
Dual, Triple, and Quad 300MHz Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com