Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1399 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1399
Description  Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1399 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1399 Datasheet HTML 8Page - Linear Technology LT1399 Datasheet HTML 9Page - Linear Technology LT1399 Datasheet HTML 10Page - Linear Technology LT1399 Datasheet HTML 11Page - Linear Technology LT1399 Datasheet HTML 12Page - Linear Technology LT1399 Datasheet HTML 13Page - Linear Technology LT1399 Datasheet HTML 14Page - Linear Technology LT1399 Datasheet HTML 15Page - Linear Technology LT1399 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1398/LT1399/LT1399HV
©LINEAR TECHNOLOGY CORPORATION 1998
13989f LT/TP 0699 4K • PRINTED IN USA
APPLICATI
TYPICAL
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LT1203/LT1205
150MHz Video Multiplexers
2:1 and Dual 2:1 MUXs with 25ns Switch Time
LT1204
4-Input Video MUX with Current Feedback Amplifier
Cascadable Enable 64:1 Multiplexing
LT1227
140MHz Current Feedback Amplifier
1100V/
µs Slew Rate, Shutdown Mode
LT1252/LT1253/LT1254
Low Cost Video Amplifiers
Single, Dual and Quad Current Feedback Amplifiers
LT1259/LT1260
Dual/Triple Current Feedback Amplifier
130MHz Bandwidth, 0.1dB Flatness > 30MHz
LT1675
Triple 2:1 Buffered Video Mulitplexer
2.5ns Switching Time, 250MHz Bandwidth
RELATED PARTS
Single Supply RGB Video Amplifier
The LT1399 can be used with a single supply voltage of
6V or more to drive ground-referenced RGB video. In
Figure 10, two 1N4148 diodes D1 and D2 have been
placed in series with the output of the LT1399 amplifier
A1 but within the feedback loop formed by resistor R8.
These diodes effectively level-shift A1’s output down-
ward by 2 diodes, allowing the circuit output to swing to
ground.
Amplifier A1 is used in a positive gain configuration. The
feedback resistor R8 is 324
Ω.Thegainresistoriscreated
from the parallel combination of R6 and R7, giving a
Thevenin equivalent 80.4
Ω connected to 3.75V. This
gives an AC gain of + 5 from the noninverting input of
amplifier A1 to the cathode of D2. However, the video
input is also attenuated before arriving at A1’s positive
input. Assuming a 75
Ω source impedance for the signal
driving VIN, the Thevenin equivalent signal arriving at
A1’s positive input is 3V + 0.4VIN, with a source imped-
ance of 714
Ω. The combination of these two inputs gives
an output at the cathode of D2 of 2 • VIN with no additional
DC offset. The 75
Ω back termination resistor R9 halves
the signal again such that VOUT equals a buffered version
of VIN.
It is important to note that the 4.7
µF capacitor C1 has
been added to provide enough current to maintain the
voltage drop across diodes D1 and D2 when the circuit
output drops low enough that the diodes might otherwise
reverse bias. This means that this circuit works fine for
continuous video input, but will require that C1 charge up
after a period of inactivity at the input.
–
+
A1
1/3 LT1399
D1
1N4148
C1
4.7
µF
D2
1N4148
R9
75
Ω
R8
324
Ω
VS
6V TO 12V
R7
324
Ω
R5
2.32
Ω
R4
75
Ω
VIN
R2
1300
Ω
R1
1000
Ω
5V
R6
107
Ω
R3
160
Ω
VOUT
1398/99 F10
Figure 10. Single Supply RGB Video Amplifier (1 of 3 Channels)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com