Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1399 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1399
Description  Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1399 Datasheet(HTML) 2 Page - Linear Technology

  LT1399 Datasheet HTML 1Page - Linear Technology LT1399 Datasheet HTML 2Page - Linear Technology LT1399 Datasheet HTML 3Page - Linear Technology LT1399 Datasheet HTML 4Page - Linear Technology LT1399 Datasheet HTML 5Page - Linear Technology LT1399 Datasheet HTML 6Page - Linear Technology LT1399 Datasheet HTML 7Page - Linear Technology LT1399 Datasheet HTML 8Page - Linear Technology LT1399 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1398/LT1399/LT1399HV
The q denotes specifications which apply over the specified operating temperature range, otherwise specifications are at TA = 25°C.
For each amplifier: VCM = 0V, VS = ±5V, EN = 0V, pulse tested, unless otherwise noted. (Note 4)
A
G
A
U
A
R
BSOLUTEXI
TI
S (Note 1)
Total Supply Voltage (V + to V –)
LT1398/LT1399 ................................................ 12.6V
LT1399HV ....................................................... 15.5V
Input Current (Note 2) .......................................
±10mA
Output Current .................................................
±100mA
Differential Input Voltage (Note 2) ...........................
±5V
Output Short-Circuit Duration (Note 3) ........ Continuous
Operating Temperature Range ............... – 40
°C to 85°C
Specified Temperature Range (Note 4) .. – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Junction Temperature (Note 5) ............................ 150
°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LT1399CGN
LT1399CS
LT1399HVCS
TJMAX = 150°C, θJA = 120°C/W (GN)
TJMAX = 150°C, θJA = 100°C/W (S)
*Ground pins are not internally connected. For best channel isolation, connect to ground. Consult factory for Industrial and Military grade parts.
ORDER PART
NUMBER
LT1398CS
TJMAX = 150°C, θJA = 100°C/W
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
–IN A
+IN A
*GND
*GND
*GND
*GND
+IN B
–IN B
EN A
OUT A
V+
GND*
GND*
V–
OUT B
EN B
A
S PACKAGE
16-LEAD PLASTIC SO
B
ELECTRICAL C
C
HARA TERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
1.5
10
mV
q
12
mV
∆VOS/∆T
Input Offset Voltage Drift
q
15
µV/°C
IIN
+
Noninverting Input Current
10
25
µA
q
30
µA
IIN–
Inverting Input Current
10
50
µA
q
60
µA
en
Input Noise Voltage Density
f = 1kHz, RF = 1k, RG = 10Ω, RS = 0Ω
4.5
nV/
√Hz
+in
Noninverting Input Noise Current Density
f = 1kHz
6
pA/
√Hz
–in
Inverting Input Noise Current Density
f = 1kHz
25
pA/
√Hz
RIN
Input Resistance
VIN = ±3.5V
q
0.3
1
M
Ω
CIN
Input Capacitance
Amplifier Enabled
2.0
pF
Amplifier Disabled
2.5
pF
COUT
Output Capacitance
Amplifier Disabled
8.5
pF
VINH
Input Voltage Range, High
VS = ±5V
q
3.5
4.0
V
VS = 5V, 0V
4.0
V
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
–IN R
+IN R
*GND
–IN G
+IN G
*GND
+IN B
–IN B
EN R
OUT R
V+
EN G
OUT G
V–
OUT B
EN B
R
G
S PACKAGE
16-LEAD PLASTIC SO
GN PACKAGE
16-LEAD PLASTIC SSOP
B
GN PART MARKING
1399
(LT1398/LT1399)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com