Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1500CS Datasheet(PDF) 11 Page - Linear Technology

Part # LT1500CS
Description  Adaptive-Frequency Current Mode Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1500CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1500CS Datasheet HTML 7Page - Linear Technology LT1500CS Datasheet HTML 8Page - Linear Technology LT1500CS Datasheet HTML 9Page - Linear Technology LT1500CS Datasheet HTML 10Page - Linear Technology LT1500CS Datasheet HTML 11Page - Linear Technology LT1500CS Datasheet HTML 12Page - Linear Technology LT1500CS Datasheet HTML 13Page - Linear Technology LT1500CS Datasheet HTML 14Page - Linear Technology LT1500CS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1500/LT1501
type TPS from AVX, or type 595D from Sprague. These
have an ESR of 0.06
Ω in a “E” case size. At lower output
current levels, a 100
µF unit in a “D” case size may be
sufficient. Output ripple voltage can be calculated from:
V
ESR
IV
V
RIPPLE
OUT
OUT
IN
=+
()(
)
01
12
.
.
Loop frequency stability is affected by the characteristics
of the output capacitor. The ESR of the capacitor should be
very low, and the capacitance must be large (> 200
µF) to
ensure good loop stability under worst-case conditions of
low input voltage, higher output voltages, and high load
currents. The 14-pin LT1500 can use external frequency
compensation on the VC pin to give good loop stability with
smaller output capacitors. See Loop Stability section for
details.
Precautions regarding solid tantalum capacitors for input
bypassing do not apply to the output capacitor because
turn-on surges are limited by the inductor and discharge
surges do not harm the capacitors.
Setting Output Voltage
Preset 3.3V and 5V parts are available. For other voltage
applications the adjustable part uses an external resistor
divider to set output voltage. Bias current for the feedback
(FB) pin is typically
±30nA (it is internally compensated).
Thevenin divider resistance should be 100k
Ω or less to
keep bias current errors to a minimum. This leads to a
value for R1 and R2 (see Figure 1) of:
R
kV
V
OUT
1
100
1 265
=
Ω
()
.
R
R
VOUT
2
1 1 265
1 265
=
()
.
–.
Example: VOUT = xxV
R
k
k
1
100
12
1 265
949
=
Ω
()
=
.
)
(use 1M
APPLICATIONS INFORMATION
R
M
k
2
1
1 265
12 1 265
118
=
()
=
.
–.
Note that there is an internal switch that disconnects the
internal divider for fixed 3.3V and 5V parts in shutdown.
This prevents the divider from adding to shutdown cur-
rent. Without this switch, shutdown current increases
because of the divider current directly, but even more so
if the FB pin is held above 0.6V by the divider. See graphs
in Typical Performance Characteristics.
1.265V
R2
118K
1%
R1
1M
1%
ERROR
AMPLIFIER
FB
VOUT = 12V
LTC1500/01 • F01
Figure 1. External Voltage Divider
Selectable Output (Fixed Voltage Parts)
The Select pin (available only on LT1500-3/5) allows the
user to select either a 3.3V or 5V output. Floating the pin
sets output voltage at 3.3V and grounding the pin sets
output voltage at 5V. The equivalent circuit of the Select
pin function is shown in Figure 2.
1.265V
69k
58k
204k
ERROR
AMPLIFIER
SELECT
VOUT
LTC1500/01 • F02
GND
Figure 2. Schematic of Select Pin Function
Note that there is a switch in series with the VOUT pin. This
switch is turned off in shutdown to eliminate shutdown
current drawn by the voltage divider. For adjustable parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com