Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1500CS Datasheet(PDF) 6 Page - Linear Technology

Part # LT1500CS
Description  Adaptive-Frequency Current Mode Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1500CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1500CS Datasheet HTML 2Page - Linear Technology LT1500CS Datasheet HTML 3Page - Linear Technology LT1500CS Datasheet HTML 4Page - Linear Technology LT1500CS Datasheet HTML 5Page - Linear Technology LT1500CS Datasheet HTML 6Page - Linear Technology LT1500CS Datasheet HTML 7Page - Linear Technology LT1500CS Datasheet HTML 8Page - Linear Technology LT1500CS Datasheet HTML 9Page - Linear Technology LT1500CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1500/LT1501
TYPICAL PERFORMANCE CHARACTERISTICS
Peak-to-Peak Inductor Ripple
Current
AVERAGE SWITCH CURRENT
0
220
200
180
160
140
120
100
80
0.3
0.5
LT1500/01 • TPC07
0.1
0.2
0.4
0.6
0.7
VIN = 3.3V
VOUT = 5V
L = 50
µH
NOTE THAT RIPPLE CURRENT
INCREASES WITH SMALLER
INDUCTORS DUE TO
PROPAGATION DELAY
IN THE CURRENT
COMPARATOR
Switch Saturation Voltage
SWITCH CURRENT (A)
0
1.0
0.8
0.6
0.4
0.2
0
0.8
LT1500/01 • TPC06
0.2
0.4
0.6
1.0
TJ = 25°C
INPUT VOLTAGE (V)
0
120
100
80
60
40
20
0
2
46
8
LT1500/01 • TPC01
10
12
TJ = 25°C
LOAD CURRENT IS
REDUCED UNTIL Burst
Mode OPERATION STARTS
VOUT = 3.3V
VOUT = 5V
VOUT = 12V
Burst Mode Threshold
SINK CURRENT (mA)
0
0.6
0.5
0.4
0.3
0.2
0.1
0
1
23
4
LT1500/01 • TPC02
56
TJ = 25°C
VLBI ≤ 1.2V
Low-Battery Output Saturation
Voltage
Quiescent Input Supply Current
INPUT VOLTAGE (V)
0
15
25
LT1500/01 • TPC04
510
20
400
350
300
250
200
150
100
50
0
TJ = 25°C
VFB OR VOUT HELD 5% HIGH,
SO THAT Burst Mode
OPERATION IS ACTIVATED.
DOES NOT INCLUDE
OUTPUT DIVIDER CURRENT
INPUT VOLTAGE (V)
0
20
16
12
8
4
0
20
LT1500/01 • TPC03
5
10
15
25
TJ = 25°C
VSHDN = 0V
Input Current in Shutdown
Shutdown Input Current vs
Feedback Pin Voltage
FEEDBACK PIN VOLTAGE (V)
0
140
120
100
80
60
40
20
0
0.6
1.0
LT1500/01 • TPC05
0.2
0.4
0.8
1.2
1.4
TJ = 25°C
VIN = 5V
ADJUSTABLE PARTS ONLY.
FIXED VOLTAGE PARTS DO
NOT SHOW SHUTDOWN
CURRENT INCREASE WITH
FEEDBACK VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com