Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1500CS Datasheet(PDF) 16 Page - Linear Technology

Part # LT1500CS
Description  Adaptive-Frequency Current Mode Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1500CS Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1500CS Datasheet HTML 8Page - Linear Technology LT1500CS Datasheet HTML 9Page - Linear Technology LT1500CS Datasheet HTML 10Page - Linear Technology LT1500CS Datasheet HTML 11Page - Linear Technology LT1500CS Datasheet HTML 12Page - Linear Technology LT1500CS Datasheet HTML 13Page - Linear Technology LT1500CS Datasheet HTML 14Page - Linear Technology LT1500CS Datasheet HTML 15Page - Linear Technology LT1500CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1500/LT1501
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
LT/GP 0896 7K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1996
TYPICAL APPLICATION
SHDN
IN
SS
LBI
LBO
SYNC
SW
ISENSE
COMP
OUT
SELECT
LT1500-3.3/LT1501-5
GND PGND
+
1nF
402k
1M
249k
2 EACH
NiCd OR
ALKALINE
CELLS
33
µH
5V
LT1500/01 • TA02
ON(HI)
OFF (LO)
470k
5V
TO
SYSTEM
1000pF
+
220
µF
10V
MBR0520L
0.22
µF
100k
Typical LT1500 (14-Pin) Application, 2-Cell to 5V Converter
PART NUMBER
DESCRIPTION
COMMENTS
LTC
®1163
Triple High Side Driver for 2-Cell Inputs
1.8V Minimum Input, Drives N-Channel MOSFETs
LTC1174
Micropower Step-Down DC/DC Converter
94% Efficiency, 130
µA IQ, 9V to 5V at 300mA
LT1302
High Output Current Micropower DC/DC Converter
5V/600mA from 2V, 2A Internal Switch, 200
µA IQ
LT1304
2-Cell Micropower DC/DC Converter
Low-Battery Detector Active in Shutdown
LTC1440/1/2
Ultralow Power Single/Dual Comparator with Reference
2.8
µA IQ, Adjustable Hysteresis
LTC1516
2-Cell to 5V Regulated Charge Pump
12
µA IQ, No Inductors, 5V at 50mA from 3V Input
LT1521
Micropower Low Dropout Linear Regulator
500mV Dropout, 300mA Current, 12
µA IQ
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com