Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1500CS Datasheet(PDF) 7 Page - Linear Technology

Part # LT1500CS
Description  Adaptive-Frequency Current Mode Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1500CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1500CS Datasheet HTML 3Page - Linear Technology LT1500CS Datasheet HTML 4Page - Linear Technology LT1500CS Datasheet HTML 5Page - Linear Technology LT1500CS Datasheet HTML 6Page - Linear Technology LT1500CS Datasheet HTML 7Page - Linear Technology LT1500CS Datasheet HTML 8Page - Linear Technology LT1500CS Datasheet HTML 9Page - Linear Technology LT1500CS Datasheet HTML 10Page - Linear Technology LT1500CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1500/LT1501
PIN FUNCTIONS
NFB/SELECT (LT1500 Only): NFB is a second feedback
node used to regulate a negative output voltage. Negative
output voltages can be generated by using a transformer
flyback circuit, a Cuk converter or a capacitor charge pump
added to a boost converter. The regulating point for NFB
is 1.265V and the internal resistance to ground is 100k
Ω.
External divider current should be 300
µA or greater to
avoid negative output voltage variations due to production
variations in the internal resistor value. FB should be left
open when using NFB.
On fixed voltage parts, NFB is replaced with Select. The
Select pin is used to set output voltage at either 3.3V or 5V.
VC (LT1500 Only): This is the output of the error amplifier
and the input to the current comparator. The VC pin voltage
is about 700mV at very light loads and about 1.2V at full
load. An internal comparator detects when the VC voltage
drops below about 750mV and shuts down the current
comparator and the power switch biasing to reduce quies-
cent current. This forces the regulator to operate in Burst
Mode operation.
SYNC (LT1500 Only): This is a logic level input used to
synchronize switching frequency to an external clock. The
sync signal overrides the internal current comparator and
turns the switch on. Minimum sync pulse width should be
50ns and maximum width should be 300ns. A continuous
high sync signal will force the power switch to stay on
indefinitely and current will increase without limit. Don’t
do this!
SS (LT1500 Only): This is the soft start function using the
base of a PNP transistor whose emitter is tied to the VC pin.
Grounding SS will turn off switching by pulling VC low. A
capacitor tied from SS to ground will force VC to ramp up
slowly during start-up at a rate set by the capacitor value
and the internal 4
µA pull-up current. An external resistor
must be used to reset the capacitor voltage completely to
0V at power down.
SHDN: Logic Level Shutdown Pin.
This pin must be held
high (> 1.1V) for the regulator to run. SHDN can be tied
directly to VIN, even with VIN = 18V. The low-battery
detector remains active in shutdown, but all other circuitry
is turned off.
VIN: This pin supplies power to the regulator and is
connected to one side of the inductor sense resistor. It
should be bypassed close to the chip with a low ESR
capacitor.
ISENSE: This is one end of the internal inductor-current
sense resistor. With most applications, only the external
inductor is tied to this pin.
GND: This pin carries only low level current in the LT1500,
but it carries full switch current in the LT1501. The
negative end of the input bypass capacitor should be
connected close to this pin and the pin should go directly
to the ground plane with the LT1501.
PGND (LT1500 Only): This pin is the emitter of the internal
NPN power switch. Connect it directly to the ground plane.
SW: This is the collector of the internal NPN power switch.
To avoid EMI and overvoltage spikes, keep connections to
this pin very short.
LBI: This is the input to the low-battery detector with a
threshold of 1.24V. Maximum pin voltage is 5V. Bypass
LBI with a small filter capacitor when used. If unused, tie
LBI to ground. The low-battery detector remains active in
shutdown.
LBO : This is the open collector output of the low-battery
detector. It will sink up to 2mA. Leave open if not used.
FB/VOUT: FB is the inverting input to the error amplifier with
a regulating point of 1.265V and a typical bias current of
30nA. Bias current is reduced with a canceling circuit, so
bias current could flow in either direction. FB is replaced
with VOUT on fixed voltage parts. VOUT is the top of an
internal divider that is connected to the internal FB node.
A switch disconnects the divider in shutdown so that the
divider current does not load VIN through the inductor and
catch diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com