Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1509CSW Datasheet(PDF) 8 Page - Linear Technology

Part # LT1509CSW
Description  Power Factor and PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1509CSW Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1509CSW Datasheet HTML 4Page - Linear Technology LT1509CSW Datasheet HTML 5Page - Linear Technology LT1509CSW Datasheet HTML 6Page - Linear Technology LT1509CSW Datasheet HTML 7Page - Linear Technology LT1509CSW Datasheet HTML 8Page - Linear Technology LT1509CSW Datasheet HTML 9Page - Linear Technology LT1509CSW Datasheet HTML 10Page - Linear Technology LT1509CSW Datasheet HTML 11Page - Linear Technology LT1509CSW Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1509
APPLICATIONS INFORMATION
To avoid subharmonic oscillations, the amplified downslope
of the inductor current must be less than the slope of the
oscillator ramp.
VCA(OUT)
VRS
(VOSC)(L)(fSW)
(VOUT)(RS)
(5V)(500
µH)(100k)
(382V)(0.15
Ω)
≤
=
= 4.4
If the current amplifier gain at 100kHz is less than 4.4,
there will be no subharmonic oscillation. The open-loop
gain of the current loop is given by:
VRS
VCA(OUT)
(VOUT)(RS)
(j)(2
πf)(L)(VOSC)
3648
(j)(f)
(382V)(0.15
Ω)
(j)(2
πf)(500µH)(5V)
=
==
The current error amp, with R5 = 4k, R6 = 20k, C3 =
0.001
µF and C4 = 300pF, provides zero pole compensa-
tion resulting in 16kHz loop crossover frequency. The
current amp gain at 100kHz is 1.7. The resulting current
loop gain and phase margin is shown in Figure 4.
VIN
RS
0.15
Ω
L
VIN
IIN
IM
RREF
4k
R5
4k
VOUT
D1
COUT
470
µF
C4
300pF
C3
0.001
µF
R6
20k
ISENSE
MOUT
CAOUT
CA
VIN
RIAC
1M
IAC
1509 • F02
LT1509
+
–
Figure 2
FREQUENCY (Hz)
100
–40
40
60
80
1k
10k
100k
1M
LT1509 • F04
20
0
–20
–30
30
45
60
15
0
–15
Figure 4
FREQUENCY (Hz)
0.1
–40
40
60
80
1
10
100
1k
LT1509 • F03
20
0
–20
–30
30
45
60
15
0
–15
Figure 3
Current Amplifier (PFC Section)
The current amplifier has a 110dB DC gain, 3MHz unity-
gain frequency and a 2V/
µs slew rate. It is internally
clamped at 8.5V. Note that in the current averaging opera-
tion, high gain at twice the line frequency is necessary to
minimize line current distortion. Because CAOUT may need
to swing 5V over one line cycle at high line condition,
20mV AC will be needed at the inputs of the current
amplifier for a gain of 260 at 120Hz. Especially at light load
when the current loop reference signal is small, lower gain
will distort the reference signal and line current. But, if
signal gain at switching frequency is too high, the system
behaves more like a current mode system and can cause
subharmonic oscillation.
Multiplier
The multiplier has high noise immunity and superior
linearity over its full operating range. The current gain is
IM = (IACIEA2)/(200µA2) with IEA = (VAOUT – 2V)/ 25k. The
error amplifier output voltage required at the input to the
multiplier is:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com