Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1509CSW Datasheet(PDF) 4 Page - Linear Technology

Part # LT1509CSW
Description  Power Factor and PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1509CSW Datasheet(HTML) 4 Page - Linear Technology

  LT1509CSW Datasheet HTML 1Page - Linear Technology LT1509CSW Datasheet HTML 2Page - Linear Technology LT1509CSW Datasheet HTML 3Page - Linear Technology LT1509CSW Datasheet HTML 4Page - Linear Technology LT1509CSW Datasheet HTML 5Page - Linear Technology LT1509CSW Datasheet HTML 6Page - Linear Technology LT1509CSW Datasheet HTML 7Page - Linear Technology LT1509CSW Datasheet HTML 8Page - Linear Technology LT1509CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1509
ELECTRICAL C
C
HARA TERISTICS
VCC = 18V, RSET = 15k to GND, CSET = 1nF to GND, IAC = 100µA, ISENSE = 0V, CAOUT = 3.5V, VAOUT = 5V, OVP = VREF. No load on any
outputs, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Soft Start Current
SS1 Current (PFC)
SS1 = 2.5V
q
512
30
µA
SS2 Current (PWM)
SS2 = 1V
q
512
30
µA
Comparators in PWM Section
RAMP Input Current
RAMP = 0V, VC = 1.6V
q
– 0.3
– 2
µA
Current Limit Comparator (CL) Threshold
VC > 2.6V
q
0.95
1.1
1.2
V
GTDR2 Switching Off Threshold at VC or at SS2
RAMP = 0V
q
1V
VC Input Current
VC = 0V
q
–20
– 80
µA
PWMOK Comparator Low Threshold (in Terms of VREF)
q
0.57
0.63
0.70
VC Pin High Voltage (LT1509)
1mA into VC Pin
q
2.6
3.2
3.8
V
GTDR2 Turn-On Blanking Time
180
ns
IM
IAC (VAOUT – 2)
2
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Multiplier Gain Constant: K =
Note 2: GTDR2 (PWM) pulse is delayed by 53% duty cycle after GTDR1
(PFC) is set. See PFC/PWM Synchronization graph in the Typical
Performance Characteristics section.
TYPICAL PERFORMANCE CHARACTERISTICS
PFC Voltage Amplifier Open-Loop
Gain and Phase
FREQUENCY (Hz)
10
100
80
60
40
20
0
–20
100
1k
10k
100k
LT1509 • TPC01
1M
10M
0
–20
–40
–60
–80
–100
–120
PHASE
GAIN
FREQUENCY (Hz)
10
100
80
60
40
20
0
–20
100
1k
10k
100k
LT1509 • TPC02
1M
10M
0
–20
–40
–60
–80
–100
–120
PHASE
GAIN
PFC Current Amplifier Open-Loop
Gain and Phase
TIME
LT1509 TPC03
PFC (GTDR1)
53%
PWM (GTDR2)
PFC/PWM Synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com