Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1509CSW Datasheet(PDF) 1 Page - Linear Technology

Part # LT1509CSW
Description  Power Factor and PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1509CSW Datasheet(HTML) 1 Page - Linear Technology

  LT1509CSW Datasheet HTML 1Page - Linear Technology LT1509CSW Datasheet HTML 2Page - Linear Technology LT1509CSW Datasheet HTML 3Page - Linear Technology LT1509CSW Datasheet HTML 4Page - Linear Technology LT1509CSW Datasheet HTML 5Page - Linear Technology LT1509CSW Datasheet HTML 6Page - Linear Technology LT1509CSW Datasheet HTML 7Page - Linear Technology LT1509CSW Datasheet HTML 8Page - Linear Technology LT1509CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1509
Power Factor and
PWM Controller
+
–
–
+
–
+
–
+
–
+
+
–
–
+
+
–
IM =
IA2IB
200
µA2
11
16
13
+
–
–
+
4
15
19
18
1500 • BD01
VSENSE
7.5V
7.9V
VCC
16V TO 10V
14
µA
14
µA
7
µA
7V to
4.7V
EA
CA
CL
2.2V
M1
IA
IM
IB
25k
1V
1.2V
14
VAOUT
10
VREF
7.5V
VREF
12
MOUT
8
ISENSE
7
CAOUT
6
CSET
RSET
RAMP
VC
50
µA
0.7V
RUN
RUN
R
RQ
S
OSC
55%
DELAY
200ns
BLANKING
PKLIM
5
GND1
3
VCC
17
GTDR1
16V
16V
1
GND2
2
GTDR2
20
IAC
9
OVP
SS1
SS2
PWM0K
+
–
+
–
+
–
R
S
Q
R
NOTE: PWM PULSE IS DELAYED BY 55% DUTY CYCLE AFTER PFC PULSE
BLOCK DIAGRAM
s
PFC and PWM Single Chip Solution
s
Synchronized Operation up to 300kHz
s
99% Power Factor over 20:1 Load Current Range
s
Current Mode PWM
s
Instantaneous Overvoltage Protection
s
Dedicated Overvoltage Protection (OVP Pin)
s
Minimal Line Current Dead Zone
s
Typical 250
µA Start-Up Supply Current
s
Line Switching Noise Filter
s
Low Quiescent Current: 13mA
s
Fast 2A Peak Current Gate Drivers
s
Separate Soft Start Controls
The LT
® 1509 is a complete solution for universal off-line
switching power supplies utilizing active power factor
correction. The PFC section is identical to the LT1248 PFC
controller except the EN/SYNC pin is removed because
PFC and PWM are synchronized internally.
The current mode PWM section (the LT1508 is the volt-
age-mode counterpart) contains all the primary side func-
tions to convert the PFC preregulated high voltage output
to an isolated low voltage output. The PWM duty cycle is
internally limited to 47% (maximum 50%) to prevent
transformer saturation. PWM soft start begins when PFC
output reaches the preset voltage. In the event of brief line
loss, the PWM will be shut off when the PFC output voltage
drops below 73% of the preset value.
FEATURES
DESCRIPTION
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Universal Power Factor Corrected Power Supplies
and Preregulators
APPLICATIONS


Similar Part No. - LT1509CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1509 LINER-LT1509 Datasheet
301Kb / 16P
Power Factor and PWM Controller
LT1509 LINER-LT1509_15 Datasheet
301Kb / 16P
Power Factor and PWM Controller
More results

Similar Description - LT1509CSW

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4800 FAIRCHILD-ML4800 Datasheet
154Kb / 14P
Power Factor Correction and PWM Controller Combo
ML4819 FAIRCHILD-ML4819 Datasheet
269Kb / 15P
Power Factor and PWM Controller ?쏞ombo?
logo
Linear Technology
LT1508 LINER-LT1508 Datasheet
337Kb / 16P
Power Factor and PWM Controller(Voltage Mode)
logo
Micro Linear Corporatio...
ML4804 MICRO-LINEAR-ML4804 Datasheet
246Kb / 14P
Power Factor Correction and PWM Controller Combo
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
Power Factor and PWM Controller Combo
ML4824 MICRO-LINEAR-ML4824 Datasheet
262Kb / 16P
Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824_03 Datasheet
105Kb / 15P
Power Factor Correction and PWM Controller Combo
ML4800_0109 FAIRCHILD-ML4800_0109 Datasheet
119Kb / 14P
Power Factor Correction and PWM Controller Combo
logo
Linear Technology
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
Power Factor and PWM Controller
LT1509 LINER-LT1509_15 Datasheet
301Kb / 16P
Power Factor and PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com