Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1509CSW Datasheet(PDF) 10 Page - Linear Technology

Part # LT1509CSW
Description  Power Factor and PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1509CSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1509CSW Datasheet HTML 6Page - Linear Technology LT1509CSW Datasheet HTML 7Page - Linear Technology LT1509CSW Datasheet HTML 8Page - Linear Technology LT1509CSW Datasheet HTML 9Page - Linear Technology LT1509CSW Datasheet HTML 10Page - Linear Technology LT1509CSW Datasheet HTML 11Page - Linear Technology LT1509CSW Datasheet HTML 12Page - Linear Technology LT1509CSW Datasheet HTML 13Page - Linear Technology LT1509CSW Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1509
line current reaches the secondary limit, the comparator
takes over control and hysteresis may occur causing
audible noise.
Overvoltage Protection (PFC Section)
Because of the slow loop response necessary for power
factor correction, output overshoot can occur following a
sudden load reduction or removal. To protect downstream
components, the LT1509 provides an overvoltage com-
parator which senses the output voltage and quickly
reduces the line current demand. Referring back to Figure
1, VOUT is 382V and during normal operation, since no
current flows in R3, 7.5V appears at both the VSENSE and
OVP pins. When VOUT overshoots its preset value, the
overcurrent from R1 will flow through R2 as well as R3.
The voltage amplifier feedback will keep VSENSE at 7.5V.
Therefore, the equivalent AC resistance seen by the OVP
pin is R2 in parallel with R3 or 10k. With these values and
the overvoltage comparator trip level internally set at
1.05VREF, the comparator trips when VOUT overshoots
10%. Overvoltage trip level is given by:
R2 + R3
R3
(%)VOUT = 5%
()
For additional protection, the OVP pin can be connected
to VOUT through an independent resistor divider (see
Figure 7). This ensures overvoltage protection during
safety agency abnormal testing conditions, such as
opening R1 or shorting R2.
The output of the multiplier looks like a high impedance
current source. In the current loop, offset line current is
determined by multiplier offset current and input offset
voltage of the current error amplifier. A – 4mV current
amplifier VOS translates to 27mA line current and 6.7W
input power for 250VAC line if a 0.15
Ω sense resistor is
used. Under a no-load condition or when the load power
is less than the offset output power, the offset line current
could slowly charge the output to an overvoltage level.
This is because the best the overvoltage comparator can
do is to reduce the multiplier output current to zero.
Unfortunately, this does not guarantee zero output current
if the current amplifier has offset. To regulate VOUT under
R4
1.05M
R5
20k
R1
1M
R2
20k
VSENSE
OVP
ERROR
AMP
OVERVOLTAGE
COMPARATOR
0.047
µF
VOUT
0.47
µF
330k
VAOUT
1.05VREF
VOUT = 382V
OVERVOLTAGE = 420V
1509 • F07
LT1509
Figure 7
this condition, the amplifier M1 (see Block Diagram)
becomes active. When VAOUT reduces to 2.2V, M1 sup-
plies up to 7
µA of current to the resistor at the ISENSE pin
in order to cancel a negative VOS and keep VOUT error to
within 2V.
Undervoltage Lockouts and Soft Start
The LT1509 turns on when VCC reaches 16V and remains
on until VCC falls below 10V, whereupon the chip enters the
lockout state. In the lockout state, the oscillator is off and
the VREF and gate driver pins remain low. A capacitor from
SS1 to GND1 determines the ramp-up time of the PFC
section. SS1 is released from a zero when VCC rises above
the lockout threshold. Once released, an internal 14
µA
current source ramps the voltage error amplifier’s refer-
ence voltage to 7.5V. SS1 voltage then continues beyond
7.5V. A second capacitor from SS2 to GND1 determines
the start-up time from the PWM section. A PWMOK
comparator (see Block Diagram) holds SS2 low until the
OVP pin reaches 7V. This corresponds to the PFC output
voltage reaching approximately 93% of its preset voltage.
SS2 is diode coupled to the PMW comparator which is
connected to the VC pin by a second diode. Holding SS2
low at any time will disable PWM output. Once released,
the 14
µA current source ramps the PWM comparator
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com