Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1572CS Datasheet(PDF) 9 Page - Linear Technology

Part # LT1572CS
Description  100kHz, 1.25A Switching Regulator with Catch Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1572CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1572CS Datasheet HTML 4Page - Linear Technology LT1572CS Datasheet HTML 5Page - Linear Technology LT1572CS Datasheet HTML 6Page - Linear Technology LT1572CS Datasheet HTML 7Page - Linear Technology LT1572CS Datasheet HTML 8Page - Linear Technology LT1572CS Datasheet HTML 9Page - Linear Technology LT1572CS Datasheet HTML 10Page - Linear Technology LT1572CS Datasheet HTML 11Page - Linear Technology LT1572CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1572
switch “on” resistance by 2:1, but reduces switch current
limit by 2:1 also, resulting in a net 2:1 reduction in I2R
switch dissipation under current limit conditions.
The third approach is to clamp the VC pin to a voltage less
than its internal clamp level of 2V. The LT1172 switch
current limit is zero at approximately 1V on the VC pin and
2A at 2V on the VC pin. Peak switch current can be
externally clamped between these two levels with a diode.
See AN19 for details.
Diode Characteristics
The catch diode used in the LT1572 is a power Schottky
diode with a very low storage time and low forward
voltage. This gives good efficiency in switching regulator
applications, but some thought must be given to maxi-
mum operating voltage and high temperature reverse
leakage.
Peak repetitive reverse voltage rating on the diode
is 20V. In a boost converter, maximum diode reverse
voltage is equal to regulated output voltage, so this limits
maximum output voltage to 20V. In a negative-to-positive
converter, maximum diode voltage will be equal to the
sum of output voltage
plus input voltage. Use the equa-
tions in Application Note 19 or SwitcherCAD or calculate
maximum diode voltage for other topologies.
Diode reverse leakage increases rapidly with temperature.
This leakage is not high enough to significantly impact
efficiency or diode power dissipation, but it can be of
concern in shutdown mode if the diode is connected in
such a way that the leakage adds to regulator shutdown
current. Use the graphs of diode leakage versus voltage
and temperature to ensure proper high temperature sys-
tem performance.
The LT1572 diode is internally bonded to more than two
package pins to reduce internal bond wire currents.
All
pins must be used to prevent excessive current in the
individual internal bond wires. This is important in low
load current applications because the LT1572 will draw
high surge currents during start-up (to charge the output
capacitor) even with no output load current.
OPERATIO
Average supply current (including driver current) is:
IIN ≈ 6mA + ISW(0.004 + DC/40)
ISW = switch current
DC = switch duty cycle
Switch power dissipation is given by:
PSW = (ISW)
2
× RSW × DC
RSW = LT1572 switch “on” resistance (1Ω maximum)
Total power dissipation is the sum of supply current times
input voltage plus switch power:
PREG = IIN × VIN + PSW
In a typical example, using a boost converter to generate
12V at 0.12A from a 5V input, duty cycle is approximately
60%, and switch current is about 0.65A, yielding:
IIN = 6mA + 0.65(0.004 + DC/40) = 18mA
PSW = (0.65)
2
× 1Ω × 0.6 = 0.25W
PREG = 5V × 0.018A + 0.25 = 0.34W
Approximate diode power dissipation for boost and buck
converters is shown below. For other topologies or more
accurate results, see Application Note 19 or use
SwitcherCAD.
Boost: PDIODE = IOUT × Vf
Buck: PDIODE = IOUT × Vf × (VIN – VOUT)/VIN
Vf = diode forward voltage at a current equal to IOUT for a
buck converter and IOUT × VOUT/VIN for a boost converter.
In most applications, full load current is used to calculate
die temperature. However, if overload conditions must
also be accounted for, three approaches are possible.
First, if loss of regulated output is acceptable under
overload conditions, the internal
thermal limit of the
LT1572 will protect the die in most applications by shut-
ting off switch current.
Thermal limit is not a tested
parameter, however, and should be considered only for
noncritical applications with temporary overloads.
The second approach for lower current applications is to
leave the second switch emitter (E2) open. This increases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com