Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1572CS Datasheet(PDF) 10 Page - Linear Technology

Part # LT1572CS
Description  100kHz, 1.25A Switching Regulator with Catch Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1572CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1572CS Datasheet HTML 4Page - Linear Technology LT1572CS Datasheet HTML 5Page - Linear Technology LT1572CS Datasheet HTML 6Page - Linear Technology LT1572CS Datasheet HTML 7Page - Linear Technology LT1572CS Datasheet HTML 8Page - Linear Technology LT1572CS Datasheet HTML 9Page - Linear Technology LT1572CS Datasheet HTML 10Page - Linear Technology LT1572CS Datasheet HTML 11Page - Linear Technology LT1572CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1572
OPERATIO
Synchronizing
The LT1572 can be externally synchronized in the fre-
quency range of 120kHz to 160kHz. This is accomplished
as shown in the accompanying figures. Synchronizing
occurs when the VC pin is pulled to ground with an external
transistor. To avoid disturbing the DC characteristics of
the internal error amplifier, the width of the synchronizing
pulse should be under 0.3
µs. C2 sets the pulse width at ≅
0.2
µs. The effect of a synchronizing pulse on the LT1572
amplifier offset can be calculated from:
∆V
KT
q
tf
I
V
R
I
OS
SS
C
C
C
=

()( )
+


3
KT
= 26mV at 25
°C
q
tS = pulse width
fS = pulse frequency
IC = VC source current (≈ 200µA)
VC = operating VC voltage (1V to 2V)
R3 = resistor used to set mid-frequency “zero”
in frequency compensation network.
With tS = 0.2µs, fS = 150kHz, VC = 1.5V, and R3 = 2k, offset
voltage shift is
≈3.8mV. This is not particularly bother-
some, but note that high offsets could result if R3 were
reduced to a much lower value. Also, the synchronizing
transistor must sink higher currents with low values of R3,
so larger drives may have to be used. The transistor must
be capable of pulling the VC pin to within 200mV of ground
to ensure synchronizing.
Synchronizing with Bipolar Transistor
1572 OP01
C2
39pF
R1
3k
R2
2.2k
LT1572
GND
VIN
VC
C1
R3
2N2369
FROM 5V
LOGIC
Synchronizing with MOS Transistor
1572 OP02
D1
1N4158
R2
2.2k
LT1572
GND
VIN
VC
C1
R3
FROM 5V
LOGIC
C2
100pF
D2
1N4158
*SILICONIX OR EQUIVALENT
VN2222*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com