Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1572CS Datasheet(PDF) 7 Page - Linear Technology

Part # LT1572CS
Description  100kHz, 1.25A Switching Regulator with Catch Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1572CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1572CS Datasheet HTML 3Page - Linear Technology LT1572CS Datasheet HTML 4Page - Linear Technology LT1572CS Datasheet HTML 5Page - Linear Technology LT1572CS Datasheet HTML 6Page - Linear Technology LT1572CS Datasheet HTML 7Page - Linear Technology LT1572CS Datasheet HTML 8Page - Linear Technology LT1572CS Datasheet HTML 9Page - Linear Technology LT1572CS Datasheet HTML 10Page - Linear Technology LT1572CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1572
I
DAGRA
BLOCK
1.24V
REF
1572 BD
ERROR
AMP
100kHz
OSC
2.3V
REG
VIN
FB
+
–
+
–
SHUTDOWN
CIRCUIT
VC
COMP
LOGIC
DRIVER
ANTI-
SAT
FLYBACK
ERROR
AMP
16V
SWITCH
OUT
5A, 75V
SWITCH
CURRENT
AMP
GAIN
6
≈
0.15V
0.16
Ω
*ALWAYS CONNECT E1 TO GROUND
MODE
SELECT
E1*
E2
LT1172
ANODE
CATHODE
OPERATIO
The LT1572 is a current mode switcher. This means that
switch duty cycle is directly controlled by switch current
rather than by output voltage. Referring to the block
diagram, the switch is turned “on” at the start of each
oscillator cycle. It is turned “off” when switch current
reaches a predetermined level. Control of output voltage is
obtained by using the output of a voltage sensing error
amplifier to set current trip level. This technique has
several advantages. First, it has immediate response to
input voltage variations, unlike ordinary switchers which
have notoriously poor line transient response. Second, it
reduces the 90
° phase shift at mid-frequencies in the
energy storage inductor. This greatly simplifies closed-
loop frequency compensation under widely varying input
voltage or output load conditions. Finally, it allows simple
pulse-by-pulse current limiting to provide maximum switch
protection under output overload or short conditions.
A low dropout internal regulator provides a 2.3V supply for
all internal circuitry on the LT1572. This low dropout
design allows input voltage to vary from 3V to 40V with
virtually no change in device performance. A 100kHz
oscillator is the basic clock for all internal timing. It turns
“on” the output switch via the logic and driver circuitry.
Special adaptive anti-sat circuitry detects onset of satura-
tion in the power switch and adjusts driver current instan-
taneously to limit switch saturation. This minimizes driver
dissipation and provides very rapid turn-off of the switch.
A 1.2V bandgap reference biases the positive input of the
error amplifier. The negative input is brought out for
output voltage sensing. This feedback pin has a second
function; when pulled low with an external resistor, it
programs the LT1572 to disconnect the main error ampli-
fier output and connects the output of the flyback amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com