Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1572CS Datasheet(PDF) 12 Page - Linear Technology

Part # LT1572CS
Description  100kHz, 1.25A Switching Regulator with Catch Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1572CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1572CS Datasheet HTML 4Page - Linear Technology LT1572CS Datasheet HTML 5Page - Linear Technology LT1572CS Datasheet HTML 6Page - Linear Technology LT1572CS Datasheet HTML 7Page - Linear Technology LT1572CS Datasheet HTML 8Page - Linear Technology LT1572CS Datasheet HTML 9Page - Linear Technology LT1572CS Datasheet HTML 10Page - Linear Technology LT1572CS Datasheet HTML 11Page - Linear Technology LT1572CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1572
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
© LINEAR TECHNOLOGY CORPORATION 1995
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
° – 8° TYP
0.008 – 0.010
(0.203 – 0.254)
1
2
3
4
5
6
7
8
0.150 – 0.157*
(3.810 – 3.988)
16
15
14
13
0.386 – 0.394*
(9.804 – 10.008)
0.228 – 0.244
(5.791 – 6.197)
12
11
10
9
SO16 0893
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 INCH (0.15mm).
S Package
16-Lead Plastic SOIC
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1172
100kHz, 1.25A High Efficiency Switching Regulator
LT1572 Without Diode
LT1173
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
Operates Down to 2V Input
LT1372
500kHz High Efficiency 1.5A Step-Up Switching Regulator
Latest Technology, Uses Tiny Inductors
LTC1574
High Efficiency Step-Down DC/DC Converter
LTC1174 with Diode
with Internal Schottky Diode
LT/GP 0595 10K • PRINTED IN USA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com