Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1630CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1630CS8
Description  30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1630CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1630CS8 Datasheet HTML 1Page - Linear Technology LT1630CS8 Datasheet HTML 2Page - Linear Technology LT1630CS8 Datasheet HTML 3Page - Linear Technology LT1630CS8 Datasheet HTML 4Page - Linear Technology LT1630CS8 Datasheet HTML 5Page - Linear Technology LT1630CS8 Datasheet HTML 6Page - Linear Technology LT1630CS8 Datasheet HTML 7Page - Linear Technology LT1630CS8 Datasheet HTML 8Page - Linear Technology LT1630CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1630/LT1631
30MHz, 10V/
µs, Dual/Quad
Rail-to-Rail Input and Output
Precision Op Amps
FEATURES
s
Gain-Bandwidth Product: 30MHz
s
Slew Rate: 10V/
µs
s
Low Supply Current per Amplifier: 3.5mA
s
Input Common Mode Range Includes Both Rails
s
Output Swings Rail-to-Rail
s
Input Offset Voltage, Rail-to-Rail: 525
µV Max
s
Input Offset Current: 150nA Max
s
Input Bias Current: 1000nA Max
s
Open-Loop Gain: 1000V/mV Min
s
Low Input Noise Voltage: 6nV/
√Hz Typ
s
Low Distortion: – 91dBc at 100kHz
s
Wide Supply Range: 2.7V to
±15V
s
Large Output Drive Current: 35mA Min
s
Dual in 8-Pin PDIP and SO Packages
s
Quad in Narrow 14-Pin SO Package
The LT
®1630/LT1631 are dual/quad, rail-to-rail input and
output op amps with a 30MHz gain-bandwidth product and
a 10V/
µs slew rate.
The LT1630/LT1631 have excellent DC precision over the
full range of operation. Input offset voltage is typically less
than 150
µV and the minimum open-loop gain of one
million into a 10k load virtually eliminates all gain error. To
maximize common mode rejection, the LT1630/LT1631
employ a patented trim technique for both input stages,
one at the negative supply and the other at the positive
supply, that gives a typical CMRR of 106dB over the full
input range.
The LT1630/LT1631 maintain their performance for sup-
plies from 2.7V to 36V and are specified at 3V, 5V and
±15V
supplies. The inputs can be driven beyond the supplies
without damage or phase reversal of the output. The
output delivers load currents in excess of 35mA.
The LT1630 is available in 8-pin PDIP and SO packages
with the standard dual op amp pinout. The LT1631 features
the standard quad op amp configuration and is available in
a 14-pin plastic SO package. These devices can be used as
plug-in replacements for many standard op amps to
improve input/output range and performance.
DESCRIPTION
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATION
1/2 LT1630
2.32k
VIN
VS/2
VOUT
1630/31 TA01
220pF
2.32k
6.65k
1/2 LT1630
2.74k
22pF
470pF
5.62k
2.74k
47pF
FREQUENCY (Hz)
0.1k
1k
10k
100k
1M
10M
1630/31 TA02
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
VS = 3V, 0V
VIN = 2.5VP-P
Frequency Response
Single Supply, 400kHz, 4th Order Butterworth Filter
APPLICATIONS
s
Active Filters
s
Rail-to-Rail Buffer Amplifiers
s
Driving A/D Converters
s
Low Voltage Signal Processing
s
Battery-Powered Systems


Similar Part No. - LT1630CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1630CS8 LINER-LT1630CS8 Datasheet
359Kb / 20P
30MHz, 10V/關s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1630CS8PBF LINER-LT1630CS8PBF Datasheet
359Kb / 20P
30MHz, 10V/關s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1630CS8TRPBF LINER-LT1630CS8TRPBF Datasheet
359Kb / 20P
30MHz, 10V/關s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
More results

Similar Description - LT1630CS8

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
30MHz Rail-to-Rail Input-Output Op Amps
logo
Linear Technology
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1632 LINER-LT1632 Datasheet
365Kb / 16P
45MHz, 45V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1630 LINER-LT1630_1 Datasheet
359Kb / 20P
30MHz, 10V/關s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1630 LINER-LT1630_15 Datasheet
363Kb / 20P
30MHz, 10V/s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1631 LINER-LT1631_15 Datasheet
363Kb / 20P
30MHz, 10V/s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com