Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1630CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1630CS8
Description  30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1630CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1630CS8 Datasheet HTML 2Page - Linear Technology LT1630CS8 Datasheet HTML 3Page - Linear Technology LT1630CS8 Datasheet HTML 4Page - Linear Technology LT1630CS8 Datasheet HTML 5Page - Linear Technology LT1630CS8 Datasheet HTML 6Page - Linear Technology LT1630CS8 Datasheet HTML 7Page - Linear Technology LT1630CS8 Datasheet HTML 8Page - Linear Technology LT1630CS8 Datasheet HTML 9Page - Linear Technology LT1630CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1630/LT1631
ELECTRICAL CHARACTERISTICS
TA = 25°C, VS = ±15V, VCM = 0V, VOUT = 0V, unless otherwise noted.
0
°C < TA < 70°C, VS = ±15V, VCM = 0V, VOUT = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISC
Short-Circuit Current
±35
±70
mA
IS
Supply Current per Amplifier
4.1
5.0
mA
GBW
Gain-Bandwidth Product (Note 7)
f = 100kHz
15
30
MHz
SR
Slew Rate
AV = – 1, RL = Open, VO = ±10V,
5
10
V/
µs
Measure at VO = ±5V
tS
Settling Time
0.01%, VSTEP = 10V, AV = 1, RL = 1k
1.2
µs
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V
+ – 0.1V
q
300
1250
µV
VCM = V– + 0.2V
q
300
1250
µV
VOS TC
Input Offset Voltage Drift (Note 3)
q
4.5
7
µV/°C
VCM = V+ – 0.1V
q
1.5
4
µV/°C
∆VOS
Input Offset Voltage Shift
VCM = V– + 0.2V to V+ – 0.1V
q
180
1100
µV
Input Offset Voltage Match (Channel-to-Channel) VCM = V– + 0.2V, V+ – 0.1V (Note 5)
q
300
2000
µV
IB
Input Bias Current
VCM = V+ – 0.1V
q
0
600
1200
nA
VCM = V– + 0.2V
q
– 1200
– 600
0
nA
∆IB
Input Bias Current Shift
VCM = V– + 0.2V to V+ – 0.1V
q
1200
2400
nA
Input Bias Current Match (Channel-to-Channel)
VCM = V+ – 0.1V (Note 5)
q
30
350
nA
VCM = V
– + 0.2V (Note 5)
q
30
350
nA
IOS
Input Offset Current
VCM = V
+ – 0.1V
q
25
175
nA
VCM = V– + 0.2V
q
25
175
nA
∆IOS
Input Offset Current Shift
VCM = V– + 0.2V to V+ – 0.1V
q
50
350
nA
AVOL
Large-Signal Voltage Gain
VO = – 14.5V to 14.5V, RL = 10k
q
900
6000
V/mV
VO = – 10V to 10V, RL = 2k
q
600
4000
V/mV
Channel Separation
VO = – 10V to 10V, RL = 2k
q
112
132
dB
CMRR
Common Mode Rejection Ratio
VCM = V– + 0.2V to V+ – 0.1V
q
88
104
dB
CMRR Match (Channel-to-Channel) (Note 5)
VCM = V– + 0.2V to V+ – 0.1V
q
84
104
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
q
86
100
dB
PSRR Match (Channel-to-Channel) (Note 5)
VS = ±5V to ±15V
q
80
104
dB
VOL
Output Voltage Swing Low (Note 6)
No Load
q
19
45
mV
ISINK = 5mA
q
175
350
mV
ISINK = 25mA
q
670
1400
mV
VOH
Output Voltage Swing High (Note 6)
No Load
q
15
40
mV
ISOURCE = 5mA
q
300
600
mV
ISOURCE = 25mA
q
1400
2800
mV
ISC
Short-Circuit Current
q
±28
±57
mA
IS
Supply Current per Amplifier
q
4.6
5.6
mA
GBW
Gain-Bandwidth Product (Note 7)
f = 100kHz
q
14
28
MHz
SR
Slew Rate
AV = – 1, RL = Open, VO = ±10V,
q
4.5
9
V/
µs
Measured at VO = ±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com