Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1630CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1630CS8
Description  30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1630CS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1630CS8 Datasheet HTML 1Page - Linear Technology LT1630CS8 Datasheet HTML 2Page - Linear Technology LT1630CS8 Datasheet HTML 3Page - Linear Technology LT1630CS8 Datasheet HTML 4Page - Linear Technology LT1630CS8 Datasheet HTML 5Page - Linear Technology LT1630CS8 Datasheet HTML 6Page - Linear Technology LT1630CS8 Datasheet HTML 7Page - Linear Technology LT1630CS8 Datasheet HTML 8Page - Linear Technology LT1630CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1630/LT1631
ELECTRICAL CHARACTERISTICS
–40
°C < TA < 85°C, VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply, unless otherwise noted. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOH
Output Voltage Swing High (Note 6)
No Load
q
15
40
mV
ISOURCE = 0.5mA
q
55
110
mV
ISOURCE = 15mA, VS = 5V
q
860
1700
mV
ISOURCE = 10mA, VS = 3V
q
580
1200
mV
ISC
Short-Circuit Current
VS = 5V
q
±17
±34
mA
VS = 3V
q
±12
±24
mA
IS
Supply Current per Amplifier
q
4.1
5.2
mA
GBW
Gain-Bandwidth Product (Note 7)
f = 100kHz
q
14
28
MHz
SR
Slew Rate (Note 8)
VS = 5V, AV = –1, RL = Open, VO = 4V
q
3.5
7
V/
µs
VS = 3V, AV = –1, RL = Open
q
3.3
6.5
V/
µs
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V+
220
1000
µV
VCM = V–
220
1000
µV
∆VOS
Input Offset Voltage Shift
VCM = V– to V+
150
1000
µV
Input Offset Voltage Match (Channel-to-Channel) VCM = V–, V+ (Note 5)
200
1500
µV
IB
Input Bias Current
VCM = V+
0
550
1100
nA
VCM = V–
– 1100
– 550
0
nA
∆IB
Input Bias Current Shift
VCM = V– to V+
1100
2200
nA
Input Bias Current Match (Channel-to-Channel)
VCM = V+ (Note 5)
20
300
nA
VCM = V
– (Note 5)
20
300
nA
IOS
Input Offset Current
VCM = V
+
20
150
nA
VCM = V–
20
150
nA
∆IOS
Input Offset Current Shift
VCM = V– to V+
40
300
nA
Input Noise Voltage
0.1Hz to 10Hz
300
nVP-P
en
Input Noise Voltage Density
f = 1kHz
6
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
0.9
pA/
√Hz
CIN
Input Capacitance
f = 100kHz
3
pF
AVOL
Large-Signal Voltage Gain
VO = – 14.5V to 14.5V, RL = 10k
1000
5000
V/mV
VO = – 10V to 10V, RL = 2k
650
3500
V/mV
Channel Separation
VO = – 10V to 10V, RL = 2k
112
134
dB
CMRR
Common Mode Rejection Ratio
VCM = V
– to V+
89
106
dB
CMRR Match (Channel-to-Channel) (Note 5)
VCM = V– to V +
86
110
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
87
105
dB
PSRR Match (Channel-to-Channel) (Note 5)
VS = ±5V to ±15V
82
107
dB
VOL
Output Voltage Swing Low (Note 6)
No Load
16
35
mV
ISINK = 5mA
150
300
mV
ISINK = 25mA
600
1200
mV
VOH
Output Voltage Swing High (Note 6)
No Load
15
40
mV
ISOURCE = 5mA
250
500
mV
ISOURCE = 25mA
1200
2400
mV
TA = 25°C, VS = ±15V, VCM = 0V, VOUT = 0V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com