Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1630CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1630CS8
Description  30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1630CS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1630CS8 Datasheet HTML 1Page - Linear Technology LT1630CS8 Datasheet HTML 2Page - Linear Technology LT1630CS8 Datasheet HTML 3Page - Linear Technology LT1630CS8 Datasheet HTML 4Page - Linear Technology LT1630CS8 Datasheet HTML 5Page - Linear Technology LT1630CS8 Datasheet HTML 6Page - Linear Technology LT1630CS8 Datasheet HTML 7Page - Linear Technology LT1630CS8 Datasheet HTML 8Page - Linear Technology LT1630CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1630/LT1631
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PSRR
Power Supply Rejection Ratio
VS = 3V to 12V, VCM = VO = 0.5V
q
82
101
dB
PSRR Match (Channel-to-Channel) (Note 5)
VS = 3V to 12V, VCM = VO = 0.5V
q
78
102
dB
Minimum Supply Voltage (Note 9)
VCM = VO = 0.5V
q
2.6
2.7
V
VOL
Output Voltage Swing Low (Note 6)
No Load
q
17
40
mV
ISINK = 0.5mA
q
36
80
mV
ISINK = 25mA, VS = 5V
q
700
1400
mV
ISINK = 20mA, VS = 3V
q
560
1200
mV
VOH
Output Voltage Swing High (Note 6)
No Load
q
16
40
mV
ISOURCE = 0.5mA
q
50
100
mV
ISOURCE = 15mA, VS = 5V
q
820
1600
mV
ISOURCE = 10mA, VS = 3V
q
550
1100
mV
ISC
Short-Circuit Current
VS = 5V
q
±18
±36
mA
VS = 3V
q
±13
±25
mA
IS
Supply Current per Amplifier
q
4.0
5.1
mA
GBW
Gain-Bandwidth Product (Note 7)
f = 100kHz
q
14
28
MHz
SR
Slew Rate (Note 8)
VS = 5V, AV = – 1, RL = Open, VO = 4V
q
4.2
8.3
V/
µs
VS = 3V, AV = – 1, RL = Open
q
3.9
7.7
V/
µs
0
°C < TA < 70°C, VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V+ – 0.1V
q
250
775
µV
VCM = V
– + 0.2V
q
250
775
µV
VOS TC
Input Offset Voltage Drift (Note 3)
q
2.5
5.5
µV/°C
VCM = V+ – 0.1V
q
1
3.5
µV/°C
∆VOS
Input Offset Voltage Shift
VCM = V– + 0.2V to V+ – 0.1V
q
200
750
µV
Input Offset Voltage Match (Channel-to-Channel) VCM = V– + 0.2V, V+ (Note 5)
q
210
1500
µV
IB
Input Bias Current
VCM = V
+ – 0.1V
q
0
650
1300
nA
VCM = V– + 0.2V
q
– 1300
– 650
0
nA
∆IB
Input Bias Current Shift
VCM = V– + 0.2V to V+ – 0.1V
q
1300
2600
nA
Input Bias Current Match (Channel-to-Channel)
VCM = V+ – 0.1V (Note 5)
q
25
390
nA
VCM = V
– + 0.2V (Note 5)
q
25
390
nA
IOS
Input Offset Current
VCM = V+ – 0.1V
q
25
195
nA
VCM = V– + 0.2V
q
25
195
nA
∆IOS
Input Offset Current Shift
VCM = V– + 0.2V to V+ – 0.1V
q
50
390
nA
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 300mV to 4.7V, RL = 10k
q
400
3500
V/mV
VS = 3V, VO = 300mV to 2.7V, RL = 10k
q
300
1800
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = V– + 0.2V to V+ – 0.1V
q
75
87
dB
VS = 3V, VCM = V– + 0.2V to V+ – 0.1V
q
71
83
dB
CMRR Match (Channel-to-Channel) (Note 5)
VS = 5V, VCM = V– + 0.2V to V+ – 0.1V
q
69
89
dB
VS = 3V, VCM = V– + 0.2V to V+ – 0.1V
q
65
85
dB
PSRR
Power Supply Rejection Ratio
VS = 3V to 12V, VCM = VO = 0.5V
q
82
98
dB
PSRR Match (Channel-to-Channel) (Note 5)
VS = 3V to 12V, VCM = VO = 0.5V
q
78
102
dB
Minimum Supply Voltage (Note 9)
VCM = VO = 0.5V
q
2.6
2.7
V
VOL
Output Voltage Swing Low (Note 6)
No Load
q
18
40
mV
ISINK = 0.5mA
q
38
80
mV
ISINK = 25mA, VS = 5V
q
730
1500
mV
ISINK = 20mA, VS = 3V
q
580
1200
mV
–40
°C < TA < 85°C, VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply, unless otherwise noted. (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com