Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1761 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1761
Description  100mA, Low Noise, LDO Micropower Regulators in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1761 Datasheet(HTML) 1 Page - Linear Technology

  LT1761 Datasheet HTML 1Page - Linear Technology LT1761 Datasheet HTML 2Page - Linear Technology LT1761 Datasheet HTML 3Page - Linear Technology LT1761 Datasheet HTML 4Page - Linear Technology LT1761 Datasheet HTML 5Page - Linear Technology LT1761 Datasheet HTML 6Page - Linear Technology LT1761 Datasheet HTML 7Page - Linear Technology LT1761 Datasheet HTML 8Page - Linear Technology LT1761 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1761 Series
100mA, Low Noise,
LDO Micropower
Regulators in SOT-23
s
Tiny 5-Lead SOT-23 Package
s
Low Noise: 20
µVRMS (10Hz to 100kHz)
s
Low Quiescent Current: 20
µA
s
Wide Input Voltage Range: 1.8V to 20V
s
Output Current: 100mA
s
Very Low Shutdown Current: < 0.1
µA
s
Low Dropout Voltage: 300mV at 100mA
s
Fixed Output Voltages: 1.5V, 1.8V, 2V, 2.5V, 2.8V,
3V, 3.3V, 5V
s
Adjustable Output from 1.22V to 20V
s
Stable with 1
µF Output Capacitor
s
Stable with Aluminum, Tantalum or
Ceramic Capacitors
s
Reverse Battery Protected
s
No Reverse Current
s
No Protection Diodes Needed
s
Overcurrent and Overtemperature Protected
The LT
®1761 series are micropower, low noise, low
dropout regulators. With an external 0.01
µF bypass
capacitor, output noise drops to 20
µVRMS over a 10Hz to
100kHz bandwidth. Designed for use in battery-powered
systems, the low 20
µA quiescent current makes them an
ideal choice. In shutdown, quiescent current drops to less
than 0.1
µA. The devices are capable of operating over an
input voltage from 1.8V to 20V, and can supply 100mA of
output current with a dropout voltage of 300mV. Quies-
cent current is well controlled, not rising in dropout as it
does with many other regulators.
The LT1761 regulators are stable with output capacitors
as low as 1
µF. Small ceramic capacitors can be used
without the series resistance required by other regulators.
Internal protection circuitry includes reverse battery pro-
tection, current limiting, thermal limiting and reverse
current protection. The device is available in fixed output
voltages of 1.5V, 1.8V, 2V, 2.5V, 2.8V, 3V, 3.3V and 5V,
and as an adjustable device with a 1.22V reference voltage.
The LT1761 regulators are available in the 5-lead SOT-23
package.
10Hz to 100kHz Output Noise
5V Low Noise Regulator
s
Cellular Phones
s
Pagers
s
Battery-Powered Systems
s
Frequency Synthesizers
s
Wireless Modems
, LTC and LT are registered trademarks of Linear Technology Corporation.
IN
SHDN
0.01
µF
10
µF
1761 TA01
OUT
VIN
5.4V TO
20V
BYP
GND
LT1761-5
5V AT100mA
20
µVRMS NOISE
1
µF
+
VOUT
100
µV/DIV
20
µVRMS
1761 G48
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1761

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761 LINER-LT1761 Datasheet
208Kb / 16P
1.1A, Low Noise, Low Dropout Linear Regulator
LT1761 LINER-LT1761 Datasheet
1Mb / 22P
100mA, Low Noise, LDO Micropower Regulators in TSOT-23
LT1761 LINER-LT1761 Datasheet
405Kb / 18P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT1761 LINER-LT1761 Datasheet
382Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT1761 LINER-LT1761 Datasheet
251Kb / 14P
500mA Micropower VLDO Linear Regulators Fast Transient Recovery
More results

Similar Description - LT1761

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC7080 FAIRCHILD-ILC7080 Datasheet
574Kb / 16P
50/100mA SOT-23 CMOS RF LDO Regulators
ILC7071 FAIRCHILD-ILC7071 Datasheet
110Kb / 11P
100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
logo
Linear Technology
LT1761 LINER-LT1761_1 Datasheet
260Kb / 20P
100mA, Low Noise,LDO Micropower Regulators in SOT-23
LT1761 LINER-LT1761_10 Datasheet
1Mb / 22P
100mA, Low Noise, LDO Micropower Regulators in TSOT-23
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
logo
Linear Dimensions Semic...
LT1761ES5-BYPTRPBF LINEAR_DIMENSIONS-LT1761ES5-BYPTRPBF Datasheet
1Mb / 22P
100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Technology
LT1761 LINER-LT1761_15 Datasheet
1Mb / 22P
100mA, Low Noise, LDO Micropower Regulators in TSOT-23
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
500mA, Low Noise, LDO Micropower Regulators
logo
Texas Instruments
LP2982 TI1-LP2982 Datasheet
1Mb / 28P
Micropower Ultra-Low-Dropout LDO in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com