Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1761 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1761
Description  100mA, Low Noise, LDO Micropower Regulators in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1761 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1761 Datasheet HTML 8Page - Linear Technology LT1761 Datasheet HTML 9Page - Linear Technology LT1761 Datasheet HTML 10Page - Linear Technology LT1761 Datasheet HTML 11Page - Linear Technology LT1761 Datasheet HTML 12Page - Linear Technology LT1761 Datasheet HTML 13Page - Linear Technology LT1761 Datasheet HTML 14Page - Linear Technology LT1761 Datasheet HTML 15Page - Linear Technology LT1761 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1761 Series
1761fa LT/TP 0401 2K REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1999
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
Dimensions in inched (millimeters) unless otherwise noted.
S5 Package
5-Lead Plastic SOT-23
(LTC DWG # 05-08-1633)
1.50 – 1.75
(0.059 – 0.069)
0.35 – 0.55
(0.014 – 0.022)
0.35 – 0.50
(0.014 – 0.020)
FIVE PLACES (NOTE 2)
S5 SOT-23 0599
0.90 – 1.45
(0.035 – 0.057)
0.90 – 1.30
(0.035 – 0.051)
0.00 – 0.15
(0.00 – 0.006)
0.09 – 0.20
(0.004 – 0.008)
(NOTE 2)
2.60 – 3.00
(0.102 – 0.118)
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DIMENSIONS ARE INCLUSIVE OF PLATING
3. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
4. MOLD FLASH SHALL NOT EXCEED 0.254mm
5. PACKAGE EIAJ REFERENCE IS SC-74A (EIAJ)
0.95
(0.037)
REF
2.80 – 3.00
(0.110 – 0.118)
(NOTE 3)
1.90
(0.074)
REF
PACKAGE DESCRIPTIO
The top resistor of the resistor divider must be chosen to
limit the current into the ADJ pin to less than 5mA when the
ADJ pin is at 7V. The 13V difference between output and
ADJ pin divided by the 5mA maximum current into the ADJ
pin yields a minimum top resistor value of 2.6k.
In circuits where a backup battery is required, several
different input/output conditions can occur. The output
voltage may be held up while the input is either pulled to
ground, pulled to some intermediate voltage or is left open
circuit. Current flow back into the output will follow the
curve shown in Figure 6.
When the IN pin of the LT1761-X is forced below the OUT
pin or the OUT pin is pulled above the IN pin, input current
will typically drop to less than 2
µA. This can happen if the
input of the device is connected to a discharged (low
voltage) battery and the output is held up by either a
Figure 6. Reverse Output Current
OUTPUT VOLTAGE (V)
100
90
80
70
60
50
40
30
20
10
0
1761 F06
0123
4
5
67
8
9
10
TJ = 25°C
VIN = 0V
CURRENT FLOWS
INTO OUTPUT PIN
VOUT = VADJ
(LT1761-BYP, -SD)
LT1761-BYP
LT1761-SD
LT1761-2
LT1761-3.3
LT1761-5
LT1761-1.8
LT1761-1.5
LT1761-2.5
LT1761-2.8
LT1761-3
backup battery or a second regulator circuit. The state of
the SHDN pin will have no effect on the reverse output
current when the output is pulled above the input.
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1120
125mA Low Dropout Regulator with 20
µA IQ
Includes 2.5V Reference and Comparator
LT1121
150mA Micropower Low Dropout Regulator
30
µA IQ, SOT-223 Package
LT1129
700mA Micropower Low Dropout Regulator
50
µA Quiescent Current
LT1175
500mA Negative Low Dropout Micropower Regulator
45
µA IQ, 0.26V Dropout Voltage, SOT-223 Package
LT1521
300mA Low Dropout Micropower Regulator with Shutdown
15
µA IQ, Reverse Battery Protection
LT1529
3A Low Dropout Regulator with 50
µA IQ
500mV Dropout Voltage
LT1762 Series
150mA, Low Noise, LDO Micropower Regulator
25
µA Quiescent Current, 20µVRMS Noise
LT1763 Series
500mA, Low Noise, LDO Micropower Regulator
30
µA Quiescent Current, 20µVRMS Noise
LTC1928
Doubler Charge Pump with Low Noise Linear Regulator
Low Output Noise: 60
µVRMS (100kHz BW)
LT1962 Series
300mA, Low Noise, LDO Micropower Regulator
30
µA Quiescent Current, 20µVRMS Noise
LT1963
1.5A, Low Noise, Fast Transient Response LDO
40
µVRMS, SOT-223 Package
LT1764
3A, Low Noise, Fast Transient Response LDO
40
µVRMS, 340mV Dropout Voltage
LTC3404
High Efficiency Synchronous Step-Down Switching Regulator
Burst Mode
TM Operation, Monolithic, 100% Duty Cycle
Burst Mode is a trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com