Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1761 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1761
Description  100mA, Low Noise, LDO Micropower Regulators in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1761 Datasheet(HTML) 2 Page - Linear Technology

  LT1761 Datasheet HTML 1Page - Linear Technology LT1761 Datasheet HTML 2Page - Linear Technology LT1761 Datasheet HTML 3Page - Linear Technology LT1761 Datasheet HTML 4Page - Linear Technology LT1761 Datasheet HTML 5Page - Linear Technology LT1761 Datasheet HTML 6Page - Linear Technology LT1761 Datasheet HTML 7Page - Linear Technology LT1761 Datasheet HTML 8Page - Linear Technology LT1761 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1761 Series
(Note 1)
IN Pin Voltage ........................................................
±20V
OUT Pin Voltage ....................................................
±20V
Input to Output Differential Voltage .......................
±20V
ADJ Pin Voltage ......................................................
±7V
BYP Pin Voltage ....................................................
±0.6V
SHDN Pin Voltage .................................................
±20V
LT1761ES5-BYP
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 250°C/ W
SEE THE APPLICATIONS INFORMATION SECTION.
5 OUT
4 ADJ
IN 1
GND 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
SHDN 3
5 OUT
4 ADJ
IN 1
GND 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
BYP 3
5 OUT
4 BYP
IN 1
GND 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
SHDN 3
Output Short-Circut Duration .......................... Indefinite
Operating Junction Temperature Range
(Note 2) ............................................ – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
S5 PART
MARKING
5 OUT
4 ADJ
IN 1
GND 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
BYP 3
TJMAX = 150°C, θJA = 250°C/ W
SEE THE APPLICATIONS INFORMATION SECTION.
LT1761ES5-SD
ORDER PART
NUMBER
S5 PART
MARKING
LTGC
LTGH
LT1761ES5-1.5
LT1761ES5-1.8
LT1761ES5-2
LT1761ES5-2.5
LT1761ES5-2.8
LT1761ES5-3
LT1761ES5-3.3
LT1761ES5-5
ORDER PART
NUMBER
S5 PART
MARKING
LTMT
LTJM
LTJE
LTGD
LTLB
LTGE
LTGF
LTGG
TJMAX = 150°C, θJA = 250°C/ W
SEE THE APPLICATIONS INFORMATION SECTION.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage (Notes 3, 11) ILOAD = 100mA
q
1.8
2.3
V
Regulated Output Voltage
LT1761-1.5
VIN = 2V, ILOAD = 1mA
1.478
1.5
1.522
V
(Note 4)
2.5V < VIN < 20V, 1mA < ILOAD < 50mA
q
1.457
1.5
1.538
V
2.5V < VIN < 20V, 1mA < ILOAD < 100mA
q
1.436
1.5
1.555
V
LT1761-1.8
VIN = 2.3V, ILOAD = 1mA
1.775
1.8
1.825
V
2.8V < VIN < 20V, 1mA < ILOAD < 50mA
q
1.750
1.8
1.845
V
2.8V < VIN < 20V, 1mA < ILOAD < 100mA
q
1.725
1.8
1.860
V
LT1761-2
VIN = 2.5V, ILOAD = 1mA
1.970
2
2.030
V
3V < VIN < 20V, 1mA < ILOAD < 50mA
q
1.945
2
2.045
V
3V < VIN < 20V, 1mA < ILOAD < 100mA
q
1.920
2
2.060
V
LT1761-2.5
VIN = 3V, ILOAD = 1mA
2.465
2.5
2.535
V
3.5V < VIN < 20V, 1mA < ILOAD < 50mA
q
2.435
2.5
2.565
V
3.5V < VIN < 20V, 1mA < ILOAD < 100mA
q
2.415
2.5
2.575
V
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 2)
Consult factory for parts specified with wider operating temperature ranges.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com