Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1761 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1761
Description  100mA, Low Noise, LDO Micropower Regulators in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1761 Datasheet(HTML) 4 Page - Linear Technology

  LT1761 Datasheet HTML 1Page - Linear Technology LT1761 Datasheet HTML 2Page - Linear Technology LT1761 Datasheet HTML 3Page - Linear Technology LT1761 Datasheet HTML 4Page - Linear Technology LT1761 Datasheet HTML 5Page - Linear Technology LT1761 Datasheet HTML 6Page - Linear Technology LT1761 Datasheet HTML 7Page - Linear Technology LT1761 Datasheet HTML 8Page - Linear Technology LT1761 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1761 Series
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Load Regulation
LT1761-3.3
VIN = 4.3V, ∆ILOAD = 1mA to 50mA
10
20
mV
VIN = 4.3V, ∆ILOAD = 1mA to 50mA
q
40
mV
VIN = 4.3V, ∆ILOAD = 1mA to 100mA
20
40
mV
VIN = 4.3V, ∆ILOAD = 1mA to 100mA
q
100
mV
LT1761-5
VIN = 6V, ∆ILOAD = 1mA to 50mA
15
30
mV
VIN = 6V, ∆ILOAD = 1mA to 50mA
q
60
mV
VIN = 6V, ∆ILOAD = 1mA to 100mA
25
65
mV
VIN = 6V, ∆ILOAD = 1mA to 100mA
q
150
mV
LT1761 (Note 3) VIN = 2.3V, ∆ILOAD = 1mA to 50mA
1
6
mV
VIN = 2.3V, ∆ILOAD = 1mA to 50mA
q
12
mV
VIN = 2.3V, ∆ILOAD = 1mA to 100mA
1
12
mV
VIN = 2.3V, ∆ILOAD = 1mA to 100mA
q
50
mV
Dropout Voltage
ILOAD = 1mA
0.10
0.15
V
VIN = VOUT(NOMINAL)
ILOAD = 1mA
q
0.19
V
(Notes 5, 6, 11)
ILOAD = 10mA
0.17
0.22
V
ILOAD = 10mA
q
0.29
V
ILOAD = 50mA
0.24
0.28
V
ILOAD = 50mA
q
0.38
V
ILOAD = 100mA
0.30
0.35
V
ILOAD = 100mA
q
0.45
V
GND Pin Current
ILOAD = 0mA
q
20
45
µA
VIN = VOUT(NOMINAL)
ILOAD = 1mA
q
55
100
µA
(Notes 5, 7)
ILOAD = 10mA
q
230
400
µA
ILOAD = 50mA
q
12
mA
ILOAD = 100mA
q
2.2
4
mA
Output Voltage Noise
COUT = 10µF, CBYP = 0.01µF, ILOAD = 100mA, BW = 10Hz to 100kHz
20
µVRMS
ADJ Pin Bias Current
(Notes 3, 8)
30
100
nA
Shutdown Threshold
VOUT = Off to On
q
0.8
2
V
VOUT = On to Off
q
0.25
0.65
V
SHDN Pin Current
VSHDN = 0V
q
0
0.5
µA
(Note 9)
VSHDN = 20V
q
13
µA
Quiescent Current in Shutdown
VIN = 6V, VSHDN = 0V
0.01
0.1
µA
Ripple Rejection (Note 3)
VIN – VOUT = 1.5V (Avg), VRIPPLE = 0.5VP-P, fRIPPLE = 120Hz,
55
65
dB
ILOAD = 50mA
Current Limit
VIN = 7V, VOUT = 0V
200
mA
VIN = VOUT(NOMINAL) + 1V, ∆VOUT = – 5%
q
110
mA
Input Reverse Leakage Current
VIN = – 20V, VOUT = 0V
q
1mA
Reverse Output Current
LT1761-1.5
VOUT = 1.5V, VIN < 1.5V
10
20
µA
(Note 10)
LT1761-1.8
VOUT = 1.8V, VIN < 1.8V
10
20
µA
LT1761-2
VOUT = 2V, VIN < 2V
10
20
µA
LT1761-2.5
VOUT = 2.5V, VIN < 2.5V
10
20
µA
LT1761-2.8
VOUT = 2.8V, VIN < 2.8V
10
20
µA
LT1761-3
VOUT = 3V, VIN < 3V
10
20
µA
LT1761-3.3
VOUT = 3.3V, VIN < 3.3V
10
20
µA
LT1761-5
VOUT = 5V, VIN < 5V
10
20
µA
LT1761 (Note 3) VOUT = 1.22V, VIN < 1.22V
5
10
µA
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 2)
TA = 25°C. Performance at – 40°C and 125°C is assured by design,
characterization and correlation with statistical process controls.
Note 3: The LT1761 (adjustable versions) are tested and specified for
these conditions with the ADJ pin connected to the OUT pin.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1761 regulators are tested and specified under pulse load
conditions such that TJ ≈ TA. The LT1761 is 100% production tested at
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com