Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1792CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1792CS8
Description  Low Noise, Precision, JFET Input Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1792CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1792CS8 Datasheet HTML 4Page - Linear Technology LT1792CS8 Datasheet HTML 5Page - Linear Technology LT1792CS8 Datasheet HTML 6Page - Linear Technology LT1792CS8 Datasheet HTML 7Page - Linear Technology LT1792CS8 Datasheet HTML 8Page - Linear Technology LT1792CS8 Datasheet HTML 9Page - Linear Technology LT1792CS8 Datasheet HTML 10Page - Linear Technology LT1792CS8 Datasheet HTML 11Page - Linear Technology LT1792CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1792
S
APPLICATI
TYPICAL
Low Noise Light Sensor with DC Servo
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
7
V +
V –
4
1792 TA05
R1
1M
C1
2pF
6
3
2
LT1792
R2C2 > C1R1
CD = PARASITIC PHOTODIODE CAPACITANCE
VO = 100mV/µWATT FOR 200nm WAVE LENGTH
330mV/
µWATT FOR 633nm WAVE LENGTH
R5
1k
D2
1N914
2N3904
V –
R4
1k
D1
1N914
R3
1k
6
3
2
LT1792
C2
0.022
µF
HAMAMATSU
S1336-5BK
OUTPUT
R2
100k
CD
1. ASSUME VOLTAGE NOISE OF LT1792 AND 51
Ω SOURCE RESISTOR = 4.3nV/√Hz
2. GAIN WITH n LT1792s IN PARALLEL = n
× 200
3. OUTPUT NOISE =
√n × 200 × 4.3nV/√Hz
4. INPUT REFERRED NOISE =
OUTPUT NOISE
=
4.3
nV/
√H
 z
n
× 200
√n
5. NOISE CURRENT AT INPUT INCREASES
√n TIMES
7
15V
–15V
4
7
15V
–15V
4
1k
1792 TA04
6
2
3
1k
1k
6
2
3
–
+
A2
LT1792
–
+
1k
51
Ω
51
Ω
51
Ω
6
2
3
An
LT1792
10k
6
3
2
LT1792
–
+
A1
LT1792
1k
1k
OUTPUT
Paralleling Amplifiers to Reduce Voltage Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com