Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1792CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1792CS8
Description  Low Noise, Precision, JFET Input Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1792CS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1792CS8 Datasheet HTML 1Page - Linear Technology LT1792CS8 Datasheet HTML 2Page - Linear Technology LT1792CS8 Datasheet HTML 3Page - Linear Technology LT1792CS8 Datasheet HTML 4Page - Linear Technology LT1792CS8 Datasheet HTML 5Page - Linear Technology LT1792CS8 Datasheet HTML 6Page - Linear Technology LT1792CS8 Datasheet HTML 7Page - Linear Technology LT1792CS8 Datasheet HTML 8Page - Linear Technology LT1792CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1792
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
TIME (SEC)
0
8
1792 G01
2
4
6
10
0.1Hz to 10Hz Voltage Noise
TEMPERATURE (
°C)
–75
0
1
3
4
5
10
7
–25
25
50
1792 G03
2
8
9
6
–50
0
75
100
125
VS = ±15V
Voltage Noise
vs Chip Temperature
Voltage Gain vs Frequency
FREQUENCY (Hz)
0.01
100
140
180
1M
1792 G08
60
20
80
120
160
40
0
–20
1
100
10k
100M
Common Mode Limit
vs Temperature
TEMPERATURE (
°C)
–60
– 2.0
–1.0
V+
0
100
1792 G05
4.0
3.0
–1.5
– 0.5
3.5
2.5
V –+ 2.0
–20
20
60
140
V + = 5V TO 20V
V – = – 5V TO – 20V
Input Bias and Offset Current
Over the Common Mode Range
COMMON-MODE RANGE (V)
–15
400
300
200
100
0
–10
–5
0
5
1792 G22
10
15
TA = 25°C
VS = ±15V
NOT WARMED UP
OFFSET CURRENT
BIAS CURRENT
Common Mode Rejection Ratio
vs Frequency
FREQUENCY (Hz)
40
80
120
20
60
100
1k
100k
1M
10M
1792 G06
0
10k
TA = 25°C
VS = ±15V
FREQUENCY (Hz)
110
1
10
100
100
10k
1k
1792 G02
VS = ±15V
TA = 25°C
1/f CORNER
30Hz
Voltage Noise vs Frequency
Input Bias and Offset Current
vs Chip Temperature
TEMPERATURE (
°C)
–75
1
IB
IOS
10
125
1792 G04
0.1
0.3
3
0.03
0.01
–25
25
75
– 50
0
50
100
100
30
VS = ±15V
FREQUENCY (Hz)
10
120
100
80
60
40
20
0
100
1k
10k
100k
1792 G07
1M
10M
TA = 25°C
+PSRR
–PSRR
Power Supply Rejection Ratio
vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com