Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1792CS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1792CS8
Description  Low Noise, Precision, JFET Input Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1792CS8 Datasheet(HTML) 2 Page - Linear Technology

  LT1792CS8 Datasheet HTML 1Page - Linear Technology LT1792CS8 Datasheet HTML 2Page - Linear Technology LT1792CS8 Datasheet HTML 3Page - Linear Technology LT1792CS8 Datasheet HTML 4Page - Linear Technology LT1792CS8 Datasheet HTML 5Page - Linear Technology LT1792CS8 Datasheet HTML 6Page - Linear Technology LT1792CS8 Datasheet HTML 7Page - Linear Technology LT1792CS8 Datasheet HTML 8Page - Linear Technology LT1792CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1792
A
G
A
U
A
R
BSOLUTEXI
TI
S (Note 1)
Supply Voltage .....................................................
±20V
Differential Input Voltage ......................................
±40V
Input Voltage (Equal to Supply Voltage) ...............
±20V
Output Short-Circuit Duration ........................ Indefinite
Operating Temperature Range ............... – 40
°C to 85°C
Specified Temperature Range
Commercial (Note 8) ......................... – 40
°C to 85°C
Industrial ........................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................ 300
°C
1792AI
1792I
ORDER PART
NUMBER
TJMAX = 160°C, θJA = 190°C/W
TJMAX = 140°C, θJA = 130°C/W
1
2
3
4
8
7
6
5
TOP VIEW
N8 PACKAGE
8-LEAD PDIP
A
VOS ADJ
–IN A
+IN A
V–
NC
V +
OUT
VOS ADJ
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
VOS ADJ
–IN A
+IN A
V–
NC
V+
OUT
VOS ADJ
A
ORDER PART
NUMBER
S8 PART MARKING
Consult factory for Military grade parts.
PACKAGE/ORDER I FOR ATIO
LT1792ACN8
LT1792CN8
LT1792AIN8
LT1792IN8
LT1792ACS8
LT1792CS8
LT1792AIS8
LT1792IS8
ELECTRICAL C
C
HARA TERISTICS T
A = 25°C, VS = ±15V, VCM = 0V, unless otherwise noted. (Note 9)
LT1792C/LT1792I
SYMBOL
PARAMETER
CONDITIONS (Note 2)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
0.2
0.6
0.2
0.8
mV
VS = ±5V
0.4
1.0
0.4
1.3
mV
IOS
Input Offset Current
Warmed Up (Note 3)
100
400
100
400
pA
IB
Input Bias Current
Warmed Up (Note 3)
300
800
300
800
pA
en
Input Noise Voltage
0.1Hz to 10Hz
2.4
2.4
µVP-P
Input Noise Voltage Density
fO = 10Hz
8.3
8.3
nV/
√Hz
fO = 1000Hz
4.2
6.0
4.2
6.0
nV/
√Hz
in
Input Noise Current Density
fO = 10Hz, fO = 1000Hz (Note 4)
10
10
fA/
√Hz
RIN
Input Resistance
Differential Mode
1011
10
11
Ω
Common Mode
VCM = –10V to 8V
1011
10
11
Ω
VCM = 8V to 11V
1010
10
10
Ω
CIN
Input Capacitance
14
14
pF
VS = ±5V
27
27
pF
VCM
Input Voltage Range (Note 5)
13.0
13.5
13.0
13.5
V
–10.5
–11.0
–10.5
–11.0
V
CMRR
Common Mode Rejection Ratio
VCM = –10V to 13V
85
105
82
100
dB
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±20V
88
105
83
98
dB
1792A
1792
LT1792AC/LT1792AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com