Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1792CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1792CS8
Description  Low Noise, Precision, JFET Input Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1792CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1792CS8 Datasheet HTML 4Page - Linear Technology LT1792CS8 Datasheet HTML 5Page - Linear Technology LT1792CS8 Datasheet HTML 6Page - Linear Technology LT1792CS8 Datasheet HTML 7Page - Linear Technology LT1792CS8 Datasheet HTML 8Page - Linear Technology LT1792CS8 Datasheet HTML 9Page - Linear Technology LT1792CS8 Datasheet HTML 10Page - Linear Technology LT1792CS8 Datasheet HTML 11Page - Linear Technology LT1792CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1792
©LINEAR TECHNOLOGY CORPORATION 1999
1792f LTTP 0599 4K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
S
APPLICATI
TYPICAL
Light Balance Detection Circuit
Unity-Gain Buffer with Extended
Load Capacitance Drive Capability
1792 TA07
VOUT = 1M × (I1 – I2)
PD1,PD2 = HAMAMATSU S1336-5BK
WHEN EQUAL LIGHT ENTERS PHOTODIODES, VOUT < 3mV.
LT1792
R1
1M
C1
2pF TO 8pF
PD1
PD2
I1
I2
VOUT
1792 TA08
VOUT
LT1792
C1
VIN
R2
1k
CL
R1
33
Ω
C1 = CL ≤ 0.1µF
OUTPUT SHORT-CIRCUIT CURRENT
(
∼ 30mA) WILL LIMIT THE RATE AT WHICH THE
VOLTAGE CAN CHANGE ACROSS LARGE CAPACITORS
I = C
()dV
dt
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1113
Low Noise Dual JFET Op Amp
Dual Version of LT1792, VNOISE = 4.5nV/√Hz
LT1169
Low Noise Dual JFET Op Amp
Dual Version of LT1793, IB = 10pA, VNOISE = 6nV/√Hz
LT1793
Low Noise Single Op Amp
Lower IB Version of LT1792, IB = 10pA, VNOISE = 6nV/√Hz
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTIO
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 0996
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
DIMENSION DOES NOT INCLUDE MOLD FLASH.
MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH.
INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
N8 1197
0.100
± 0.010
(2.540
± 0.254)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130
± 0.005
(3.302
± 0.127)
0.020
(0.508)
MIN
0.018
± 0.003
(0.457
± 0.076)
0.125
(3.175)
MIN
12
3
4
87
6
5
0.255
± 0.015*
(6.477
± 0.381)
0.400*
(10.160)
MAX
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.035
–0.015
+0.889
–0.381
8.255
()
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
N8 Package
8-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com