Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1143CS Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1143CS
Description  Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1143CS Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1143CS Datasheet HTML 12Page - Linear Technology LTC1143CS Datasheet HTML 13Page - Linear Technology LTC1143CS Datasheet HTML 14Page - Linear Technology LTC1143CS Datasheet HTML 15Page - Linear Technology LTC1143CS Datasheet HTML 16Page - Linear Technology LTC1143CS Datasheet HTML 17Page - Linear Technology LTC1143CS Datasheet HTML 18Page - Linear Technology LTC1143CS Datasheet HTML 19Page - Linear Technology LTC1143CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LTC1143/LTC1143L
LTC1143L-ADJ
APPLICATIONS INFORMATION
5) Is the VIN decoupling capacitor (1µF, 0.1µF) con-
nected closely between Pin 13 (5) and GND Pin 3
(11)? This capacitor carries the MOSFET driver peak
currents.
6) For the LTC1143 and LTC1143L, are the SHUT-
DOWN Pins 2 and 10 actively pulled to ground
during normal operation? Both SHUTDOWN pins are
high impedance and must not be allowed to float. Both
pins can be driven by the same external signal if
needed.
7) For the LTC1143L-ADJ, are the VFB Pins 2 and 10
decoupled with 100pF as close to the device as
possible? The VFB line is sensitive to noise pickup and
should be kept away from the P-channel MOSFET.
Figure 9. LTC1143 Layout Diagram (see Board Layout Checklist)
+
+
COUT5
CIN3
VOUT5
+
–
RSENSE5
RSENSE3
L1
L2
P-CH
D1
D2
1k
*MUST BE LOCATED CLOSE TO LTC1143
SHUTDOWN
(3.3V OUTPUT)
CT5
P-CH
CIN5
COUT3
VIN3
VIN5
BOLD LINES INDICATE HIGH CURRENT PATHS
SHUTDOWN
(5V OUTPUT)
+
VOUT3
+
–
+
–
1000pF*
1000pF*
0.0033
µF
1k
CT3
0.0033
µF
+
–
0.22
µF*
0.22
µF*
VIN5
VIN3
+
1143 F09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com