Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1143CS Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1143CS
Description  Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1143CS Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1143CS Datasheet HTML 12Page - Linear Technology LTC1143CS Datasheet HTML 13Page - Linear Technology LTC1143CS Datasheet HTML 14Page - Linear Technology LTC1143CS Datasheet HTML 15Page - Linear Technology LTC1143CS Datasheet HTML 16Page - Linear Technology LTC1143CS Datasheet HTML 17Page - Linear Technology LTC1143CS Datasheet HTML 18Page - Linear Technology LTC1143CS Datasheet HTML 19Page - Linear Technology LTC1143CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC1143/LTC1143L
LTC1143L-ADJ
Figure 12. Dual 3.3V/5V Buck-Boost Regulator
1000pF
100pF
+
+
+
1000pF
100pF
P-DRIVE 1
SENSE+ 1
SENSE– 1
VFB1
VFB2
GND1
CT1
ITH1
ITH2
CT2
GND2
SENSE– 2
SENSE+ 2
P-DRIVE 2
VIN1
VIN2
LTC1143L-ADJ
CT2
180pF
3
2
14
15
7
611
RC2
1k
CC1
3300pF
CC2
3300pF
CT1
300pF
RC1
1k
0.22
µF
13
5
12
9
8
10
4
1
16
VOUT2
5V/1A
COUT2
220
µF
10V
220
µF
10V
RSENSE2
0.082
Ω
P2
L2A
L2B
D2
MBRS130L
0.22
µF
CIN2
22
µF
25V
× 2
CIN1
22
µF
25V
× 2
P1
D1
MBRS130L
COUT1
220
µF
10V
× 2
L1
27
µH
RSENSE1
0.05
Ω
R2
82.5k
1%
R1
49.9k
1%
VOUT1
3.3V/2A
R3
49.9k
1%
R4
150k
1%
1k
MMBT2222ALT1
OVERVOLTAGE
PROTECTION
VIN
3.5V TO 10V
1143 F12
+
CIN1, CIN2: AVX TPSD226K025R0200
COUT1, COUT2: AVX TPSE227M010R0100
L1: SUMIDA CDRH125-270
L2: PULSE ENGINEERING PE-53718
Z1
5.1V
P1, P2: SILICONIX Si9803DY
RSENSE1: IRC 1206-R050F
RSENSE2: IRC 1206-R082F
Z1: MMBZ5231B
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com