Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1143CS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1143CS
Description  Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1143CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1143CS Datasheet HTML 2Page - Linear Technology LTC1143CS Datasheet HTML 3Page - Linear Technology LTC1143CS Datasheet HTML 4Page - Linear Technology LTC1143CS Datasheet HTML 5Page - Linear Technology LTC1143CS Datasheet HTML 6Page - Linear Technology LTC1143CS Datasheet HTML 7Page - Linear Technology LTC1143CS Datasheet HTML 8Page - Linear Technology LTC1143CS Datasheet HTML 9Page - Linear Technology LTC1143CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1143/LTC1143L
LTC1143L-ADJ
PIN FUNCTIONS
VIN3 (Pin 13): Supply Pin, 3.3V Section. Must be closely
decoupled to 3.3V power ground Pin 3.
CT3 (Pin 14): External capacitor CT3 from Pin 14 to ground
sets the operating frequency for the 3.3V section. (The
actual frequency is also dependent upon the input voltage.)
ITH3 (Pin 15): Gain Amplifier Decoupling Point, 3.3V
Section. The 3.3V section current comparator threshold
increases with the Pin 15 voltage.
SENSE– 3 (Pin 16): Connects to internal resistive
divider which sets the output voltage for the 3.3V
section. Pin 16 is also the (–) input for the current
comparator on the 3.3V section.
LTC1143L-ADJ
SENSE+ 1 (Pin 1): The (+) Input to the Section 1 Current
Comparator. A built-in offset between Pins 1 and 16 in
conjunction with RSENSE 1 sets the current trip threshold
for section 1.
VFB1 (Pin 2): This pin serves as the feedback pin from an
external resistive divider used to set the output voltage for
section 1.
GND1 (Pin 3): Section 1 Ground. Two independent ground
lines must be routed separately from other grounds to: 1)
the (–) terminal of the section 1 output capacitor and 2) the
cathode of the Schottky diode D1 and (–) terminal of CIN1
(see Figure 1).
P-DRIVE 1 (Pin 4): High Current Drive for Top P-Channel
MOSFET, Section 1. Voltage swing at this pin is from VIN1
to ground.
VIN2 (Pin 5): Supply Pin, Section 2. Must be closely
decoupled to power ground Pin 11.
CT2 (Pin 6): External capacitor CT2 from Pin 6 to ground sets
the operating frequency for section 2. (The actual frequency
is also dependent upon the input voltage.)
ITH2 (Pin 7): Gain Amplifier Decoupling Point, Section 2.
The section 2 current comparator threshold increases
with the Pin 7 voltage.
SENSE– 2 (Pin 8): Pin 8 is the (–) input for the current
comparator on section 2.
SENSE+ 2 (Pin 9): The (+) Input to the Section 2 Current
Comparator. A built-in offset between Pins 9 and 8 in
conjunction with RSENSE 2 sets the current trip threshold
for section 2.
VFB2 (Pin 10): This pin serves as the feedback pin from an
external resistive divider used to set the output voltage for
section 2.
GND2 (Pin 11): Section 2 Ground. Two independent
ground lines must be routed separately from other grounds
to: 1) the (–) terminal of section 2 output capacitor and 2)
the cathode of the Schottky diode D2 and (–) terminal of
CIN2 (see Figure 1).
P-DRIVE 2 (Pin 12): High Current Drive for Top P-Channel
MOSFET, Section 2. Voltage swing at this pin is from VIN2
to ground.
VIN1 (Pin 13): Supply Pin, Section 1. Must be closely
decoupled to power ground Pin 3.
CT1 (Pin 14): External capacitor CT1 from Pin 14 to ground
sets the operating frequency for section 1. (The actual
frequency is also dependent upon the input voltage.)
ITH1 (Pin 15): Gain Amplifier Decoupling Point, Section 1.
The section 1 current comparator threshold increases
with the Pin 15 voltage.
SENSE– 1 (Pin 16): Pin 16 is the (–) input for the
current comparator on section 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com