Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1143CS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1143CS
Description  Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1143CS Datasheet(HTML) 5 Page - Linear Technology

  LTC1143CS Datasheet HTML 1Page - Linear Technology LTC1143CS Datasheet HTML 2Page - Linear Technology LTC1143CS Datasheet HTML 3Page - Linear Technology LTC1143CS Datasheet HTML 4Page - Linear Technology LTC1143CS Datasheet HTML 5Page - Linear Technology LTC1143CS Datasheet HTML 6Page - Linear Technology LTC1143CS Datasheet HTML 7Page - Linear Technology LTC1143CS Datasheet HTML 8Page - Linear Technology LTC1143CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1143/LTC1143L
LTC1143L-ADJ
TYPICAL PERFORMANCE CHARACTERISTICS
Gate Charge Supply Current
OPERATING FREQUENCY (kHz)
20
140
14
12
10
8
6
4
2
0
LTC1143 G10
80
260
200
QP = 100nC
QP = 29nC
Current Sense Threshold Voltage
TEMPERATURE (°C)
0
175
150
125
100
75
50
25
0
80
LTC1143 G12
20
40
60
100
MAXIMUM
THRESHOLD
MINIMUM
THRESHOLD
OUTPUT VOLTAGE (V)
0
80
70
60
50
40
30
20
10
0
4
LTC1143 G11
1
2
3
5
VSENSE = VOUT
VOUT = 5V
VOUT = 3.3V
Off-Time vs VOUT
ITH5 (Pin 7): Gain Amplifier Decoupling Point, 5V Section.
The 5V section current comparator threshold increases
with the Pin 7 voltage.
SENSE– 5 (Pin 8): Connects to internal resistive divider
which sets the output voltage for the 5V section. Pin 8 is
also the (–) input for the current comparator on the 5V
section.
SENSE+ 5 (Pin 9): The (+) Input to the 5V Section Current
Comparator. A built-in offset between Pins 9 and 8 in
conjunction with RSENSE 5 sets the current trip threshold
for the 5V section.
SHUTDOWN 5 (Pin 10): When grounded, the 5V section
operates normally. Pulling Pin 10 high holds the 5V section
MOSFET off and puts the 5V section in micropower shut-
down mode. Requires CMOS logic level signal with tr,tf<1µs.
Do not “float” Pin 10.
GND5 (Pin 11): 5V Section Ground. Two independent
ground lines must be routed separately from other grounds
to: 1) the (–) terminal of the 5V section output capacitor
and 2) the cathode of the Schottky diode D2 and (–)
terminal of CIN5 (see Figure 9).
P-DRIVE 5 (Pin 12): High Current Drive for Top P-Channel
MOSFET, 5V Section. Voltage swing at this pin is from
VIN5 to ground.
PIN FUNCTIONS
LTC1143/LTC1143L
SENSE+3 (Pin 1): The (+) Input to the 3.3V Section Current
Comparator. A built-in offset between Pins 1 and 16 in
conjunction with RSENSE 3 sets the current trip threshold
for the 3.3V section.
SHUTDOWN 3 (Pin 2): When grounded, the 3.3V section
operates normally. Pulling Pin 2 high holds the MOSFET
off and puts the 3.3V section in micropower shutdown
mode. Requires CMOS logic level signal with tr, tf < 1µs.
Do not “float” Pin 2.
GND3 (Pin 3): 3.3V Section Ground. Two independent
ground lines must be routed separately from other grounds
to: 1) the (–) terminal of the 3.3V section output capacitor
and 2) the cathode of the Schottky diode D1 and (–)
terminal of CIN3 (see Figure 9).
P-DRIVE 3 (Pin 4): High Current Drive for Top P-Channel
MOSFET, 3.3V Section. Voltage swing at this pin is from
VIN3 to ground.
VIN5 (Pin 5): Supply Pin, 5V Section. Must be closely
decoupled to 5V power ground Pin 11.
CT5 (Pin 6): External capacitor CT5 from Pin 6 to ground sets
the operating frequency for the 5V section. (The actual
frequency is also dependent upon the input voltage.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com