Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1155CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1155CS8
Description  Dual High Side Micropower MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1155CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1155CS8 Datasheet HTML 1Page - Linear Technology LTC1155CS8 Datasheet HTML 2Page - Linear Technology LTC1155CS8 Datasheet HTML 3Page - Linear Technology LTC1155CS8 Datasheet HTML 4Page - Linear Technology LTC1155CS8 Datasheet HTML 5Page - Linear Technology LTC1155CS8 Datasheet HTML 6Page - Linear Technology LTC1155CS8 Datasheet HTML 7Page - Linear Technology LTC1155CS8 Datasheet HTML 8Page - Linear Technology LTC1155CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1155
Dual High Side
Micropower MOSFET Driver
S
FEATURE
APPLICATI
TYPICAL
s
Fully Enhances N-Channel Power MOSFETs
s
8
µA Standby Current
s
85
µA ON Current
s
Short-Circuit Protection
s
Wide Power Supply Range: 4.5V to 18V
s
Controlled Switching ON and OFF Times
s
No External Charge Pump Components
s
Replaces P-Channel High Side MOSFETs
s
Compatible with Standard Logic Families
s
Available in 8-Pin SO Package
DESCRIPTIO
The LTC
®1155 dual high side gate driver allows using low
cost N-channel FETs for high side switching applications.
An internal charge pump boosts the gate above the posi-
tive rail, fully enhancing an N-channel MOSFET with no
external components. Micropower operation, with 8
µA
standby current and 85
µA operating current, allows use in
virtually all systems with maximum efficiency.
Included on-chip is overcurrent sensing to provide auto-
matic shutdown in case of short circuits. A time delay can
be added in series with the current sense to prevent false
triggering on high in-rush loads such as capacitors and
incandescent lamps.
The LTC1155 operates off of a 4.5V to 18V supply input
and safely drives the gates of virtually all FETs. The
LTC1155 is well suited for low voltage (battery-powered)
applications, particularly where micropower “sleep” op-
eration is required.
The LTC1155 is available in both 8-pin PDIP and 8-pin SO
packages.
, LTC and LT are registered trademarks of Linear Technology Corporation.
S
APPLICATI
s
Laptop Power Bus Switching
s
SCSI Termination Power Switching
s
Cellular Phone Power Management
s
P-Channel Switch Replacement
s
Relay and Solenoid Drivers
s
Low Frequency Half H-Bridge
s
Motor Speed and Torque Control
OUTPUT CURRENT (A)
0
0.00
0.05
0.10
0.15
0.20
0.25
12
3
1155 TA02
Switch Voltage Drop
1155 TA01
RSEN
0.02
Ω
CDLY
0.1
µF
10
µF
5A
MAX
RDLY
100k
POWER BUS
µP
SYSTEM
DISK
DRIVE
DISPLAY
PRINTER,
ETC.
LTC1155
TTL, CMOS INPUT
TTL, CMOS INPUT
GND
GND
IN1
IN2
G2
DS2
VS
DS1
G1
VS = 4.5V TO 5.5V
CDLY
0.1
µF
RSEN
0.02
Ω
RDLY
100k
*SURFACE MOUNT
*IRLR034
5A
MAX
*IRLR034
+
Laptop Computer Power Bus Switch with Short Circuit Protection


Similar Part No. - LTC1155CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1155 LINER-LTC1155 Datasheet
247Kb / 20P
High Speed Single/Dual N-Channel MOSFET Drivers
LTC1155 LINER-LTC1155 Datasheet
245Kb / 16P
Dual High Side Micropower MOSFET Driver
LTC1155 LINER-LTC1155_15 Datasheet
245Kb / 16P
Dual High Side Micropower MOSFET Driver
More results

Similar Description - LTC1155CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1154 LINER-LTC1154 Datasheet
334Kb / 16P
High-Side Micropower MOSFET Driver
LTC1156 LINER-LTC1156 Datasheet
231Kb / 8P
Quad High Side Micropower MOSFET Driver with Internal Charge Pump
LTC1157 LINER-LTC1157 Datasheet
221Kb / 8P
3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
LTC1255 LINER-LTC1255 Datasheet
340Kb / 16P
Dual 24V High-Side MOSFET Driver
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
Linear Technology
LTC1156 LINER-LTC1156_15 Datasheet
214Kb / 8P
Quad High Side Micropower MOSFET Driver with Internal Charge Pump
LTC1157 LINER-LTC1157_15 Datasheet
207Kb / 8P
3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
LTC1154 LINER-LTC1154_15 Datasheet
199Kb / 18P
High Side Micropower MOSFET Driver
LTC1155 LINER-LTC1155_15 Datasheet
245Kb / 16P
Dual High Side Micropower MOSFET Driver
LTC1255 LINER-LTC1255_15 Datasheet
293Kb / 16P
Dual 24V High-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com