Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1155CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1155CS8
Description  Dual High Side Micropower MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1155CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1155CS8 Datasheet HTML 2Page - Linear Technology LTC1155CS8 Datasheet HTML 3Page - Linear Technology LTC1155CS8 Datasheet HTML 4Page - Linear Technology LTC1155CS8 Datasheet HTML 5Page - Linear Technology LTC1155CS8 Datasheet HTML 6Page - Linear Technology LTC1155CS8 Datasheet HTML 7Page - Linear Technology LTC1155CS8 Datasheet HTML 8Page - Linear Technology LTC1155CS8 Datasheet HTML 9Page - Linear Technology LTC1155CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1155
S
APPLICATI
I FOR ATIO
Gate Charge Pump
Gate drive for the power MOSFET is produced by an
adaptive charge pump circuit that generates a gate voltage
substantially higher than the power supply voltage. The
charge pump capacitors are included on-chip and, there-
fore, no external components are required to generate the
gate drive.
Drain Current Sense
The LTC1155 is configured to sense the drain current of
the power MOSFET in high side applications. An internal
100mV reference is compared to the drop across a sense
resistor (typically 0.002
Ω to 0.1Ω) in series with the drain
lead. If the drop across this resistor exceeds the internal
100mV threshold, the input latch is reset and the gate is
quickly discharged by a large N-channel transistor.
Controlled Gate Rise and Fall Times
When the input is switched ON and OFF, the gate is
charged by the internal charge pump and discharged in a
controlled manner. The charge and discharge rates have
been set to minimize RFI and EMI emissions in normal
operation. If a short circuit or current overload condition
is encountered, the gate is discharged very quickly (typi-
cally a few microseconds) by a large N-channel transistor.
OPERATIO
Protecting the MOSFET
The MOSFET is protected against destruction by removing
drive from the gate as soon as an overcurrent condition is
detected. Resistive and inductive loads can be protected
with no external time delay. Large capacitive or lamp
loads, however, require that the overcurrent shutdown
function be delayed long enough to start the load but short
enough to ensure the safety of the MOSFET.
Example Calculations
Consider the circuit of Figure 1. A power MOSFET is driven
by one side of an LTC1155 to switch a high inrush current
load. The drain sense resistor is selected to limit the
maximum DC current to 3.3A.
RSEN = VSEN/ITRIP
= 0.1/3.3A
= 0.03
Ω
A time delay is introduced between RSEN and the drain
sense pin of the LTC1155 which provides sufficient delay
to start a high inrush load such as large supply capacitors.
In this example circuit, we have selected the IRLZ34
because of its low RDS(ON )(0.05Ω with VGS = 5V). The FET
1155 F01
IRLZ34
LOAD
LTC1155
GND
GND
G1
DS1
VS
IN1
VS = 5.0V
CDLY
0.22
µF
RSEN
0.03
Ω
RDLY
270k
Figure 1. Adding an RC Delay
drops 0.1V at 2A and, therefore, dissipates 200mW in
normal operation (no heat sinking required).
If the output is shorted to ground, the current through the
FET rises rapidly and is limited by the RDS(ON) of the FET,
the drain sense resistor and the series resistance be-
tween the power supply and the FET. Series resistance in
the power supply can be substantial and attributed to
many sources including harness wiring, PCB traces,
supply capacitor ESR, transformer resistance or battery
resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com