Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1155CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1155CS8
Description  Dual High Side Micropower MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1155CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1155CS8 Datasheet HTML 3Page - Linear Technology LTC1155CS8 Datasheet HTML 4Page - Linear Technology LTC1155CS8 Datasheet HTML 5Page - Linear Technology LTC1155CS8 Datasheet HTML 6Page - Linear Technology LTC1155CS8 Datasheet HTML 7Page - Linear Technology LTC1155CS8 Datasheet HTML 8Page - Linear Technology LTC1155CS8 Datasheet HTML 9Page - Linear Technology LTC1155CS8 Datasheet HTML 10Page - Linear Technology LTC1155CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1155
S
APPLICATI
I FOR ATIO
For this example, we assume a worst-case scenario; i.e.,
that the power supply to the power MOSFET is “hard” and
provides a constant 5V regardless of the current. In this
case, the current is limited by the RDS(ON) of the MOSFET
and the drain sense resistance. Therefore:
IPEAK = VSUPPLY/0.08Ω
= 62.5A
The drop across the drain sense resistor under these
conditions is much larger than 100mV and is equal to the
drain current times the sense resistance:
VDROP = (IPEAK)(RSEN)
= 1.88V
By consulting the power MOSFET data sheet SOA graph,
we note that the IRLZ34 is capable of delivering 62.5A at
a drain-to-source voltage of 3.12V for approximately
10ms.
An RC time constant can now be calculated which satisfies
this requirement:
Graphical Approach to Selecting RDLY and CDLY
Figure 2 is a graph of normalized overcurrent shutdown
time versus normalized MOSFET current. This graph can
be used instead of the above equation to calculate the RC
time constant. The Y axis of the graph is normalized to one
RC time constant. The X axis is normalized to the set
current. (The set current is defined as the current required
to develop 100mV across the drain sense resistor).
This time constant should be viewed as a maximum safe
delay time and should be reduced if the competing
requirement of starting a high inrush current load is less
stringent; i.e., if the inrush time period is calculated at
20ms, the RC time constant should be set at roughly two
or three times this time period and not at the maximum of
182ms. A 60ms time constant would be produced with a
270k resistor and a 0.22
µF capacitor (as shown in
Figure 1).
RC
t
In
V
RI
RC
In
ms
SEN
SEN
MAX
=
−
•
=
−
•
=
=
–
–.
.
..
–.
/– .
1
001
1
010
0 030 62 5
0 01 0 054
182
Note that the shutdown time is shorter for increasing
levels of MOSFET current. This ensures that the total
energy dissipated by the MOSFET is always within the
bounds established by the MOSFET manufacturer for safe
operation.
In the example presented above, we established that the
power MOSFET should not be allowed to pass 62.5A for
more than 10ms. 62.5A is roughly 18 times the set current
of 3.3A. By drawing a line up from 18 and reflecting it off
the curve, we establish that the RC time constant should
be set at 10ms divided by 0.054, or 180ms. Both methods
result in the same conclusion.
Using a Speed Up Diode
A way to further reduce the amount of time that the power
MOSFET is in a short-circuit condition is to “bypass”the
delay resistor with a small signal diode as shown in Figure
3. The diode will engage when the drop across the drain
sense resistor exceeds 0.7V, providing a direct path to the
MOSFET CURRENT (1 = SET CURRENT)
1
0.01
0.1
1
10
5
10
20
100
1155 F02
250
Figure 2. Shutdown Time vs MOSFET Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com