Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1155CS8 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1155CS8
Description  Dual High Side Micropower MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1155CS8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1155CS8 Datasheet HTML 8Page - Linear Technology LTC1155CS8 Datasheet HTML 9Page - Linear Technology LTC1155CS8 Datasheet HTML 10Page - Linear Technology LTC1155CS8 Datasheet HTML 11Page - Linear Technology LTC1155CS8 Datasheet HTML 12Page - Linear Technology LTC1155CS8 Datasheet HTML 13Page - Linear Technology LTC1155CS8 Datasheet HTML 14Page - Linear Technology LTC1155CS8 Datasheet HTML 15Page - Linear Technology LTC1155CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1155
S
APPLICATI
TYPICAL
Push-Pull Driver with Shoot-Through Current Lockout (fO < 100Hz)
High Efficiency 60Hz Full-Wave Synchronous Rectifier
1155 TA14
LTC1155
GND
IN2
G2
DS1
VS
DS2
G1
IN1
9V/3A
DC
4
× IRFZ44*
18V
1N4746A
**
1N4148
1N4148
7
6
4
3
2
100k
10
Ω
10k
100k
6.3V AC
110V AC
4700
µF
16V
D
S
MOSFETs ARE SYNCHRONOUSLY ENHANCED WHEN RECTIFIER CURRENT EXCEEDS 300mA
*NO HEATSINK REQUIRED
**INTERNAL BODY DIODE OF MOSFET
LT1006
10k
18V
1N4746A
D
S
D
S
**
**
0.03
Ω
+
D
S
**
1155 TA15
*OPPOSING GATE MUST DROP BELOW 2V BEFORE THE OTHER IS CHARGED
0.1
µF
300k
0.01
Ω
LTC1155
GND
IN2
G2
DS2
VS
DS1
G1
IN1
4.5V TO 6V
1N4148
100k
5V
HI/LO
74HC02
10
µF
IRLZ24
*
VOUT
1N4148
100k
IRFZ24
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com