Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1261CS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1261CS
Description  Switched Capacitor Regulated Voltage Inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1261CS Datasheet(HTML) 1 Page - Linear Technology

  LTC1261CS Datasheet HTML 1Page - Linear Technology LTC1261CS Datasheet HTML 2Page - Linear Technology LTC1261CS Datasheet HTML 3Page - Linear Technology LTC1261CS Datasheet HTML 4Page - Linear Technology LTC1261CS Datasheet HTML 5Page - Linear Technology LTC1261CS Datasheet HTML 6Page - Linear Technology LTC1261CS Datasheet HTML 7Page - Linear Technology LTC1261CS Datasheet HTML 8Page - Linear Technology LTC1261CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1261
S
FEATURE
DESCRIPTIO
s
Regulated Negative Voltage from a
Single Positive Supply
s
Can Provide Regulated – 5V from a 3V Supply
s
REG Pin Indicates Output is in Regulation
s
Low Output Ripple: 5mV Typ
s
Supply Current: 600
µA Typ
s
Shutdown Mode Drops Supply Current to 5
µA
s
Up to 15mA Output Current
s
Adjustable or Fixed Output Voltages
s
Requires Only Three or Four External Capacitors
s
Available in SO-8 Packages
The LTC
®1261 is a switched-capacitor voltage inverter
designed to provide a regulated negative voltage from a
single positive supply. The LTC1261CS operates from a
single 3V to 8V supply and provides an adjustable output
voltage from –1.25V to – 8V. An on-chip resistor string
allows the LTC1261CS to be configured for output volt-
ages of – 3.5V, – 4V, – 4.5V or – 5V with no external
components. The LTC1261CS8 is optimized for applica-
tions which use a 5V or higher supply or which require
low output voltages. It requires a single external 0.1
µF
capacitor and provides adjustable and fixed output voltage
options in 8-pin SO packages. The LTC1261CS requires
one or two external 0.1
µF capacitors, depending on input
voltage. Both versions require additional external input
and output bypass capacitors. An optional compensation
capacitor at ADJ/COMP can be used to reduce the output
voltage ripple.
Each version of the LTC1261 will supply up to 12mA
output current with guaranteed output regulation of 5%.
The LTC1261 includes an open-drain REG output which
pulls low when the output is within 5% of the set value.
Output ripple is typically as low as 5mV. Quiescent current
is typically 600
µA when operating and 5µA in shutdown.
The LTC1261 is available in a 14-pin narrow body SO
package and an 8-pin SO package.
Switched Capacitor
Regulated Voltage Inverter
s
GaAs FET Bias Generators
s
Negative Supply Generators
s
Battery-Powered Systems
s
Single Supply Applications
S
APPLICATI
TYPICAL APPLICATION
– 4V Generator with Power Valid
, LTC and LT are registered trademarks of Linear Technology Corporation.
1
2
3
4
8
7
6
5
LTC1261-4
SHDN
REG
OUT
COMP
VCC
C1+
C1–
GND
C2
0.1
µF
LTC1261 • TA01
C4
3.3
µF
VOUT = –4V
AT 10mA
POWER VALID
5V
C1
1
µF
5V
10k
C3*
100pF
*OPTIONAL
Waveforms for – 4V Generator with Power Valid
0V
OUT
–4V
5V
SHDN
0V
5V
POWER VALID
0V
0.2mS/DIV
LTC1261 • TAO2


Similar Part No. - LTC1261CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
483Kb / 18P
Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
2Mb / 14P
Switched Capacitor Regulated Voltage Inverter
LTC1261LCMS8 LINER-LTC1261LCMS8 Datasheet
182Kb / 12P
Switched Capacitor Regulated Voltage Inverter
LTC1261LCMS8-4 LINER-LTC1261LCMS8-4 Datasheet
182Kb / 12P
Switched Capacitor Regulated Voltage Inverter
More results

Similar Description - LTC1261CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
Switched Capacitor Regulated Voltage Inverter
LTC1429 LINER-LTC1429 Datasheet
275Kb / 12P
Clock-Synchronized Switched Capacitor Regulated Voltage Inverter
logo
Texas Instruments
LM2687LDX TI1-LM2687LDX Datasheet
333Kb / 12P
Low Noise Regulated Switched Capacitor Voltage Inverter
logo
Analog Devices
ADP3605ARZ AD-ADP3605ARZ Datasheet
233Kb / 12P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
Switched Capacitor Regulated Voltage Inverter
LTC1429 LINER-LTC1429_15 Datasheet
329Kb / 12P
Clock-Synchronized Switched Capacitor Regulated Voltage Inverter
logo
Texas Instruments
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
Switched Capacitor Voltage Inverter
logo
Texas Instruments
LM27761 TI1-LM27761_16 Datasheet
1Mb / 29P
Low-Noise Regulated Switched-Capacitor Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com